Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # PLC
Description  Heavy-duty construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PLC Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  PLC Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PLC Series Heavy Duty
UHF Yagi Antennas
PLC SERIES UHF YAGI ANTENNAS
Our PLC series heavy-duty Yagis are factory assembled and adjusted for easy installation. They feature
heavy-wall tubing elements and large rugged machined aluminum blocks for the boom-to-element
junctions. Six and ten element models are available.
FEaturEs
• Factory assembled
• Stainless steel hardware
• Heavy-duty construction
• Broadband
• Stackable
MoDeL
Frequency
(MHz)
Gain
(dBd)
Number
element
Front-to-back
(dB)
-3dB
Beamwidth
e-plane°
-3dB
Beamwidth
H-plane°
Connection
Type
W/ Surface
Area ft2 (m2)
Wind Survival
mph (kph)
W/ 1/2”
Ice
Length
in (cm)
Weight
lb (kg)
pLC336
300-410*
7.5
6
25
53
74
UHF
NA**
NA**
NA**
NA**
NA**
pLC3310
300-410*
11.5
10
25
37
42
UHF
NA**
NA**
NA**
NA**
NA**
pLC366N
300-410*
7.5
6
25
53
74
N
NA**
NA**
NA**
NA**
NA**
pLC331oN
300-410
11.5
10
25
37
42
N
NA**
NA**
NA**
NA**
NA**
pLC406
406-420
7.5
6
25
53
74
UHF
100 (161)
pLC406N
406-420
7.5
6
25
53
74
N
100 (161)
pLC456
450-470
7.5
6
25
53
74
UHF
100 (161)
pLC456N
450-470
7.5
6
25
53
74
N
100 (161)
pLC476
470-490
7.5
6
25
53
74
UHF
100 (161)
pLC476N
470-490
7.5
6
25
53
74
N
100 (161)
pLC496
490-512
7.5
6
25
53
74
UHF
100 (161)
pLC496N
490-512
7.5
6
25
53
74
N
100 (161)
31..25 (79.4)
3.7 (1.7)
31..25 (79.4)
3.7 (1.7)
31..25 (79.4)
3.7 (1.7)
31..25 (79.4)
3.7 (1.7)
31..25 (79.4)
3.7 (1.7)
31..25 (79.4)
3.7 (1.7)
31..25 (79.4)
3.7 (1.7)
31..25 (79.4)
3.7 (1.7)
pLC4010
406-420
11.5
10
25
37
42
UHF
85 (137)
66 (167)
5.25 (2.38)
pLC4010N
406-420
11.5
10
25
37
42
N
85 (137)
66 (167)
5.25 (2.38)
pLC4510
450-470
11.5
10
25
37
42
UHF
85 (137)
66 (167)
5.25 (2.38)
pLC4510N
450-470
11.5
10
25
37
42
N
85 (137)
66 (167)
5.25 (2.38)
pLC4710
470-490
11.5
10
25
37
42
UHF
85 (137)
66 (167)
5.25 (2.38)
pLC4710N
470-490
11.5
10
25
37
42
N
85 (137)
66 (167)
5.25 (2.38)
pLC4910
490-512
11.5
10
25
37
42
UHF
85 (137)
66 (167)
5.25 (2.38)
pLC491oN
490-512
11.5
10
25
37
42
N
0.41 (0.038)
125 (200)
0.41 (0.038)
125 (200)
0.41 (0.038)
125 (200)
0.41 (0.038)
125 (200)
0.41 (0.038)
125 (200)
0.41 (0.038)
125 (200)
0.41 (0.038)
125 (200)
0.41 (0.038)
125 (200)
0.68 (0.063)
125 (200)
0.68 (0.063)
125 (200)
0.68 (0.063)
125 (200)
0.68 (0.063)
125 (200)
0.68 (0.063)
125 (200)
0.68 (0.063)
125 (200)
0.68 (0.063)
125 (200)
0.68 (0.063)
125 (200)
85 (137)
66 (167)
5.25 (2.38)
Common specifications: Power handling-250 Watts; Element material-1/2 in.(1.3 cm) 6063-T832 Aluminum; Boom material-1-1/8 in. (2.9 cm) 6063-T832 Aluminum. All PLC models can mount to 2-1/8
in. (5.4 cm) diameter pipe with U-bolts and plates supplied.
*Specify frequency in band. ** Contact factory
*
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
ANT-DS-PLC-UHF 1015
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or
suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold
pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved. Laird,
Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.


Similar Part No. - PLC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC PHOENIX-PLC Datasheet
189Kb / 3P
Accessories for the PLC INTERFACE Series
logo
Christian Bürkert GmbH ...
PLC BURKERT-PLC Datasheet
912Kb / 11P
Pressure transmitter with CANopen interface
18.04.2023
PLC BURKERT-PLC Datasheet
850Kb / 11P
RTD temperature sensor with CANopen interface
13.09.2022
logo
HMS Networks.
PLC HMS-PLC Datasheet
390Kb / 2P
Control System (PLC) to Control System (PLC)
logo
Qualtek Electronics Cor...
PLC-025 QUALTEK-PLC-025 Datasheet
1Mb / 2P
25Watts Single Output LED Driver
More results

Similar Description - PLC

ManufacturerPart #DatasheetDescription
logo
Energizer
1235 ENERGIZER-1235 Datasheet
146Kb / 2P
SUPER HEAVY DUTY
1250 ENERGIZER-1250 Datasheet
147Kb / 2P
SUPER HEAVY DUTY
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
Heavy Duty Meter
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
Heavy Duty Clip
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
Heavy duty applications
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
HEAVY DUTY RELAY
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
Heavy Duty Flashlight
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
Heavy Duty Flashlight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com