Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30DF6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 30DF6
Description  FRD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

30DF6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  30DF6 Datasheet HTML 1Page - List of Unclassifed Manufacturers 30DF6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTLINE DRAWING
Maximum Ratings
Apporox Net Weight:1.19g
Rating
Symbol
31DF6
Unit
Repetitive Peak Reverse Voltage
VRRM
600
V
Non-repetitive Peak Reverse Voltage
VRSM
700
V
1.57
Ta=25
°C ∗1
Average Rectified Output Current
IO
3.0
Tl=119
°C (Tl:Lead
Temperature)
50Hz Half Sine
Wave Resistive Load
A
RMS Forward Current
IF(RMS)
4.71
A
Surge Forward Current
IFSM
120
50Hz Half Sine Wave,1cycle,
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Electrical/Thermal
• Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max.
Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
10
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 3 A
-
-
1.25
V
Reverse Recovery Time
trr
Ta= 25
°C, IF=IR=10mA
400
ns
Rth(j-a) Junction to Ambient
∗1:Without Fin.
80
Thermal Resistance
Rth(j-l) Junction to Lead
-
-
8
°C/W
∗1: Without Fin or P.C. Board
FRD
Type
Type
Type
Type
: 30DF6
30DF6
30DF6
30DF6
FEATURES
* Super Fast Recovery
* Low Forward Voltage Drop
* Low Power Loss, High Efficiency
* High Surge Capability
* 100 Volts thru 600 Volts Types Available


Similar Part No. - 30DF6

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
30DF6 NJSEMI-30DF6 Datasheet
61Kb / 1P
Ultra-Fast Recovery
30DF6 NJSEMI-30DF6 Datasheet
61Kb / 1P
Rectifiers Ultra-Fast Recovery
More results

Similar Description - 30DF6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
10ERA60 NIEC-10ERA60 Datasheet
37Kb / 5P
FRD
logo
List of Unclassifed Man...
10DF2 ETC-10DF2 Datasheet
24Kb / 2P
FRD
10ELS1 ETC-10ELS1 Datasheet
24Kb / 2P
FRD
logo
Nihon Inter Electronics...
TCU20A60-11A NIEC-TCU20A60-11A Datasheet
185Kb / 1P
FRD
logo
National Instruments Co...
PD100F12 NI-PD100F12_15 Datasheet
207Kb / 2P
FRD
PD300F12 NI-PD300F12_15 Datasheet
150Kb / 2P
FRD
PH270F2 NI-PH270F2_15 Datasheet
156Kb / 2P
FRD
PH270F6 NI-PH270F6_15 Datasheet
181Kb / 2P
FRD
TCU20A20-11A NI-TCU20A20-11A_15 Datasheet
140Kb / 1P
FRD
TCU20A60-11A NI-TCU20A60-11A_15 Datasheet
185Kb / 1P
FRD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com