Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C02 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 80C02
Description  OPTICAL SAMPLING MODULES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

80C02 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  80C02 Datasheet HTML 1Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 2Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 3Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 8Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Optical Signal Analysis •
www.tektronix.com/optical
4
Optical Sampling Modules
80C01 • 80C02 • 80C07B • 80C08C • 80C10 • 80C11 • 80C12
Optical Modules (continued)
Module
80C08C
80C10
80C11
Option
CR1
CR2
CR4
CR1
CR2
CR3
CR4
Bandwidth
10
10
10
10
65
30
30
30
30
30
(GHz)
Wavelength
700-1650
700-1650
700-1650
700-1650
1290-1330
1100-1650
1100-1650
1100-1650
1100-1650
1100-1650
Range (nm)
1530-1570
Fiber Input
9 &
9 &
9 &
9 &
9
9
9
9
9
9
(µm)
62.5
62.5
62.5
62.5
Mask Test
–15
–15
–15
–15
0
–9
–9
–9
–9
–9
Sensitivity (dBm)
Number of
1
1
1
1
1
1
1
1
1
1
Channels
Rates Supported:
■ = Filter, ◆ = Optical Clock Recovery,
⊕= Electrical Clock Recovery
9.95 Gb/s
■
◆◆
■
◆◆
◆
◆
10.31 Gb/s
■
◆◆
◆
■
◆
10.52 Gb/s
■
◆◆
■
◆
10.66 Gb/s
■
◆
■
◆◆
10.71 Gb/s
■
◆
■
◆◆
11.1 Gb/s
■
◆
■
◆
39.81 Gb/s
■
43.02 Gb/s
■



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com