Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8513 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ADM8513
Description  USB TO 10/100 MBPS ETHERNET LAN CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADM8513 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ADM8513 Datasheet HTML 17Page - List of Unclassifed Manufacturers ADM8513 Datasheet HTML 18Page - List of Unclassifed Manufacturers ADM8513 Datasheet HTML 19Page - List of Unclassifed Manufacturers ADM8513 Datasheet HTML 20Page - List of Unclassifed Manufacturers ADM8513 Datasheet HTML 21Page - List of Unclassifed Manufacturers ADM8513 Datasheet HTML 22Page - List of Unclassifed Manufacturers ADM8513 Datasheet HTML 23Page - List of Unclassifed Manufacturers ADM8513 Datasheet HTML 24Page - List of Unclassifed Manufacturers ADM8513 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
 
   !"
!#$#%&' &
  
(&) * &+
 
,,' & *#&-#./


+
-&  &:&&1:4-&2 4& 2&&00 
  
1 44- *2&&2   0 &
 ' 44& & & 0--0 01:&00&
  &4&0* 
 
+* & &2 & &2 &0 &2  0& &2  

> :&& B&*2& :C# & :&4 4**"B:&GC
4*"B:&G,C
 
-1 ,:* & & &2& &00



/ * 9 :(
BIT
NAME
DESCRIPTION
Read/Write
Default
15
100 BASE T4
Not supported
RO
0
14
100BASE-X Full
Duplex
1 = PHY is 100BASE-X full duplex
capable
0 = PHY is not 100BASE-X full duplex
capable
RO
1
13
100BASE-X Half
Duplex
1 = PHY is 100BASE-X half duplex capable
0 = PHY is not 100BASE-X half duplex
capable
RO
1
12
10Mbps/s Full
Duplex
1 = PHY is 10Mbps/s Full duplex capable
0 = PHY is not 10Mbps/s Full duplex
capable
RO
1
11
10 Mb/s Half
Duplex
1 = PHY is 10Mbps/s Half duplex capable
0 = PHY is not 10Mbps/s Half duplex
capable
RO
1
10
100BASE-T2 full
duplex
Not supported
RO
0
9
100BASE-T2 half
duplex
Not supported
RO
0
8-7
Reserved
RO
00
6
MF Preamble
Suppression
1 = PHY can accept management frames
with preamble suppression
0 = PHY cannot accept management
frames with preamble suppression
RO
1
5
Autoneg Complete
1 = autoneg completed,
0 = autoneg incomplete
RO
0
4
Remote Fault
1 = remote fault detected,
0 = no remote fault detected
RO, LH
0
3
Autoneg Ability
1 = PHY can auto-negotiate,
0 = PHY cannot auto-negotiate
RO
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com