Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC831BCP Datasheet(PDF) 13 Page - Analog Devices

Part # ADUC831BCP
Description  MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC831BCP Datasheet(HTML) 13 Page - Analog Devices

Back Button ADUC831BCP Datasheet HTML 9Page - Analog Devices ADUC831BCP Datasheet HTML 10Page - Analog Devices ADUC831BCP Datasheet HTML 11Page - Analog Devices ADUC831BCP Datasheet HTML 12Page - Analog Devices ADUC831BCP Datasheet HTML 13Page - Analog Devices ADUC831BCP Datasheet HTML 14Page - Analog Devices ADUC831BCP Datasheet HTML 15Page - Analog Devices ADUC831BCP Datasheet HTML 16Page - Analog Devices ADUC831BCP Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
REV. 0
ADuC831
–13–
FREQUENCY – kHz
010
20
40
50
60
–160
30
70
–140
–120
–100
–80
–60
–40
–20
0
20
AVDD / DVDD = 5V
fS = 152kHz
fIN = 9.910kHz
SNR = 71.3dB
THD = –88.0dB
ENOB = 11.6
TPC 11. Dynamic Performance at VDD = 5 V
FREQUENCY – kHz
010
20
40
50
60
–160
30
70
–140
–120
–100
–80
–60
–40
–20
0
20
AVDD / DVDD = 3V
fS = 149.79kHz
fIN = 9.910kHz
SNR = 71.0dB
THD = –83.0dB
ENOB = 11.5
TPC 12. Dynamic Performance at VDD = 3 V
EXTERNAL REFERENCE – V
50
0.5
1.0
2.0
2.5
5.0
55
1.5
60
65
70
75
80
–100
–95
–90
–85
–80
–75
–70
AVDD / DVDD = 5V
fS = 152kHz
SNR
THD
TPC 13. Typical Dynamic Performance vs. VREF, VDD = 5 V
EXTERNAL REFERENCE – V
80
75
65
50
70
55
AV DD/DVDD = 3V
f
S = 152kHz
0.5
1.5
2.5
SNR
THD
60
–70
–75
–85
–100
–80
–95
–90
1.0
2.0
3.0
TPC 14. Typical Dynamic Performance vs. VREF, VDD = 3 V
FREQUENCY – kHz
64
92.262
119.05
172.62
199.41
226.19
66
145.83
68
70
72
76
80
AVDD / DVDD = 5V
78
74
62
60
65.476
TPC 15. Typical Dynamic Performance vs.
Sampling Frequency
TEMPERATURE – C
0.40
–40
–20
0.45
0.50
0.55
0.60
0.70
0.80
0.75
0.65
AVDD / DVDD = 3V
SLOPE =
2mV/ C
0
25
50
85
TPC 16. Typical Temperature Sensor Output vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com