Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

157 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 157
Description  7/8" (22.2 mm) Precision Industrial Potentiometer, Bushing And Servo Mount Versions, Conductive Plastic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

157 Datasheet(HTML) 2 Page - Vishay Siliconix

  157 Datasheet HTML 1Page - Vishay Siliconix 157 Datasheet HTML 2Page - Vishay Siliconix 157 Datasheet HTML 3Page - Vishay Siliconix 157 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 157
www.vishay.com
Vishay Spectrol
Revision: 06-Nov-15
2
Document Number: 57042
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
ORDERING INFORMATION
157
B
503
M
C
MODEL
STYLE
OHMIC VALUE
TOLERANCE ON
OHMIC VALUE
LINEARITY
SPECIAL REQUEST
157
B: Bushing
S: servo
470 = 47
222 = 2.200
103 = 10 k
For ohmic value
range see electrical
specification
M = ± 20 %
K = ± 10 %
X = ± 2 %
B = ± 0.50 %
C = ± 0.25 %
xxxx
PART NUMBER DESCRIPTION (for information only)
157-
2
503
xxxx
MODEL
STYLE
OHMIC VALUE
SPECIAL
B: 1
S: 2
BUSHING MOUNT: 157B/157-1
0.455
(11.56)
± 0.015
0.062 (1.57)
0.062 (1.57)
Ø 0.1248
Ø 0.1245
(3.17)
0.062 (1.57)
0.500
(12.7)
Ø 0.750
(19.05)
Ø 0.070
(1.78)
Ø 0.050
(1.27)
RETAINER
Ø 0.20 MAX. x 0.02 MAX. (5.08)
Ø 0.7500 (19.05)
Ø 0.7495
SERVO MOUNT:
157S/157-2
0.875
(22.22)
± 0.031
Ø 0.2497
(6.34)
RETAINER: Ø 0.312 x 0.03 MAX.
3/
8 - 32 UNEF - 2A
0.345
(8.76)
± 0.015
0.125
(3.18)
± 0.010
Ø 0.9.52 x 1.57 WIDE
IMPERFECT
THREAD AREA
0.365
(9.27)
± 0.010
0.312
(7.92)
LOCATING PIN Ø
0.062 x 0.062
(1.57 x 1.57)
TERM 1
TERM 2
TERM 3
90°
Ø 0.875
(22.2)
0.176 TERMINAL
RADIUS (4.47)
+ 0.0000
- 0.0003
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
CW
SCHEMATIC
2
3
1
± 0.031
Example of a marking for a standard part:
157-11103



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com