Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

196HVC Datasheet(PDF) 13 Page - Vishay Siliconix

Part # 196HVC
Description  Hybrid Energy Storage Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196HVC Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button 196HVC Datasheet HTML 7Page - Vishay Siliconix 196HVC Datasheet HTML 8Page - Vishay Siliconix 196HVC Datasheet HTML 9Page - Vishay Siliconix 196HVC Datasheet HTML 10Page - Vishay Siliconix 196HVC Datasheet HTML 11Page - Vishay Siliconix 196HVC Datasheet HTML 12Page - Vishay Siliconix 196HVC Datasheet HTML 13Page - Vishay Siliconix 196HVC Datasheet HTML 14Page - Vishay Siliconix 196HVC Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 13-Jan-17
13
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PRODUCT AND MOUNTING CHARACTERISTICS
Attention: parts are pre-charged at delivery - handle appropriate.
At delivery products are pre-charged and voltage over terminals is near nominal voltage. Short circuiting of product terminals
is permitted. Do not short circuit permanently. Short circuiting of charged cells may heat up the cells. Cells will fulfill UL 2054 -
Tcell < 150 °C due to self heating in case of short circuiting. Products are UL 810A recognized.
For printed circuit board mounting it has to be taken into account, that for certain form factors top and bottom of products may
not be insulated.
Capacitor disposal methods should be in accordance with local and state regulations.
Table 6.1
Notes
(1) n... number of cells
(2) RI equals ESRAC or ESRDC.
Table 6.2: Stacked Through Hole configuration (STH), Surface Mount Flat configuration (SMF), and Lay Flat
configuration with Connector
Notes
• Robustness - bending limited to ± 15°, force in direction of tab / pin, no twisting allowed.
• Solder bath test: max. allowed case temperature during test is e.g. 85 °C or immersion of one (1) pad only.
• Wave soldering allowed.
(1) RI equals ESRAC or ESRDC.
TEST PROCEDURES AND REQUIREMENTS
NAME OF TEST
ENYCAP
TESTS
SUBCLAUSE
PROCEDURE
(quick reference)
REQUIREMENTS (2)
Damp heat, steady state
4.12
500 h at 55 °C; RH 90 % to 95 %; no voltage applied
C/C: ± 30 %
RI  4 x spec. limit
IL  2 x spec. limit
Endurance
4.13.1
Tamb = 70 °C / 85 °C; rated voltage UR applied;
4.0 F, 15 F: 1000 h
45 F, 90 F: 2000 h
C/C: ± 30 %
RI  4 x spec. limit
IL  2 x spec. limit
Useful life
4.13.2
Tamb = 70 °C / 85 °C; rated voltage UR applied;
4.0 F, 15 F: 1000 h
45 F, 90 F: 2000 h
C/C: ± 30 %
RI  4 x spec. limit
IL  2 x spec. limit
Storage at upper category
temperature
4.17
Tamb = 70 °C / 85 °C; no voltage applied;
1000 h
C/C: ± 30 %
RI  4 x spec. limit
IL  2 x spec. limit
Self discharge
4.1.5
24 h storage at room temperature after application
of UR for 1 h
Remaining voltage:
 (U
R x 0.9)
Characteristics at high and
low temperature
4.19
Step 1: reference measurement at 20 °C of C, RI, and IL
Step 2: measurement at -20 °C
Step 3: measurement at +20 °C
Step 4: measurement at +70 °C
Step 5: measurement at +20 °C
C/C: ± 30 % of +20 °C value
RI  5 x the +20 °C value
IL  4 x the +20 °C value
Surge voltage
4.15
Max. 30 s at room temperature
US = n (1) x 1.6 V
No change of parameter!
After surge voltage, discharge
product below rated voltage
TEST PROCEDURES AND REQUIREMENTS
NAME OF TEST
ENYCAP
TESTS
SUBCLAUSE
PROCEDURE
(quick reference)
REQUIREMENTS (1)
Robustness of terminations
4.4
Tensile strength; application of load force in pin / tab
direction for 10 s:
10 N: for product size Ø
 8 mm
5 N: for product size Ø < 8 mm
No breaks
Resistance to soldering heat
4.5
260 °C; 5 s
C/C: ± 10 %
RI and IL  spec. limit
Solderability
4.6
Solder bath; 236 °C; 2 s; one pin immersed
 75 % tinning
Vibration
4.8
10 Hz to 55 Hz; 1.5 mm; 3 directions;
2 h per direction
C/C: ± 10 %
RI and IL  spec. limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com