Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

657 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 657
Description  Fully sealed for high immunity to environmental damage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

657 Datasheet(HTML) 2 Page - Vishay Siliconix

  657 Datasheet HTML 1Page - Vishay Siliconix 657 Datasheet HTML 2Page - Vishay Siliconix 657 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 657
www.vishay.com
Vishay Spectrol
Revision: 27-Mar-15
2
Document Number: 57077
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of
quality or durability.
DIMENSIONS in inches (millimeters)
0.500
(12.70)
Ø 0.2497
(6.34 - 0.01)
+ 0.0000
- 0.0003
0.030 MAX.
(0.76)
0.031
(0.79)
0.428
(10.87)
± 0.015
0.014
(0.36)
0.625
(15.81)
0.688
(17.46)
0.375
(9.53)
0.143
(3.64)
0.035 x 0.075
(0.89 x 1.91)
MINIMUM WIRE OPENING
0.151
(3.84)
0.093
(2.36)
0.042
Ø 0.375 ± 0.002 x 0.030 MAX. WIDE PILOT
(9.53 x 0.76 MAX. WIDE PILOT)
+ 0.000
- 0.051
3/
8 - 32 UNEF - 2A
0.216
(5.49)
± 0.015
90°
± 5°
SPECTROL
657-X-X-XXX
XXXX MEX
3 2 1
SHAFT FLAT AND PHASING DIAGRAM
WITH SHAFT FLAT POSITIONED AS SHOWN, OUTPUT RATIO
TO BE e/E = 0.50 ± 0.02
DECIMALS: XX ± 0.01 INCHES (± 0.25 mm)
XX ± 0.005 INCHES (± 0.13 mm) ANGLES: ± 2°
A
± 0.031
B
C
CW
SCHEMATIC
2
3
1
MODEL: 657B/657-...
STANDARD RESISTANCE VALUES
CODE
RESISTANCE
(
)
102
1K
202
2K
502
5K
103
10K
203
20K
503
50K
104
100K
MATERIAL SPECIFICATIONS
Shaft
Stainless steel
Bushing
Nickel plated brass
Housing
Thermoplastic
Element
Conductive plastic on alumina
substrate
ENVIRONMENTAL SPECIFICATIONS
Rotational life
2 million revolutions
Vibration
15 g at 10 Hz to 2000 Hz
Operating temperature
-40 °C to +125 °C
Storage temperature
-55 °C to +150 °C
Temperature coefficient
± 600 ppm/°C
Shock
30 g
Resistant to solder heat
350 °C for 5 s
Moisture resistance IP rating
Sealed construction
IP67* application to provide
protection for wiring terminals
MARKING
Unit
identification
Vishay Spectrol, part number, data code,
country of origin and terminal designation.
Example of a marking for a standard part:
657-2-0-102



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com