Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS0402VG01 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MCS0402VG01
Description  Thin Film Chip Resistors with Established Reliability
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS0402VG01 Datasheet(HTML) 2 Page - Vishay Siliconix

  MCS0402VG01 Datasheet HTML 1Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 2Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 3Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 4Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 5Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 6Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 7Page - Vishay Siliconix MCS0402VG01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: specialresistors@vishay.com
Document Number: 28744
362
Revision: 11-Jun-12
MCS 0402 VG01, MCT 0603 VG01, MCU 0805 VG01, MCA 1206 VG01
Vishay Beyschlag
Thin Film Chip Resistors with Established Reliability
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• The products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION.
• Products within a packaging unit are single lot date code.
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: MCT0603HC2873FP500
Part Number: MCT0603HZ0000ZP500
TYPE/SIZE
VERSION
TCR
RESISTANCE
TOLERANCE
PACKAGING
MCS 0402
MCT 0603
MCU 0805
MCA 1206
H = EN 140401-801,
“Version E”;
failure rate level E6
C = ± 50 ppm/K
E = ± 15 ppm/K
Z = Jumper
3 digit value
1 digit multiplier
MULTIPLIER
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
0000 = Jumper
F = ± 1 %
B = ± 0.1 %
Z = Jumper
E1
E0
P1
P5
Product Description: MCT 0603-50 1 % VG01 P5 287K
Product Description: MCT 0603 VG01 P5 0R0
MCT 0603
-50
1 %
VG01
P5
287K
MCT 0603
-
-
VG01
P5
0R0
TYPE/SIZE
TCR
TOLERANCE
VERSION
PACKAGING
RESISTANCE
MCS 0402
MCT 0603
MCU 0805
MCA 1206
± 50 ppm/K
± 15 ppm/K
± 1 %
± 0.1 %
VG01 = EN 140401-801,
“Version E”;
failure rate level E6
E1
E0
P1
P5
49R9 = 49.9
287K = 287 k
0R0 = Jumper
M
C
T
0
6
0
3
H
Z
0
0
0
0
Z
P
5
0
0
M
C
T
0
6
0
3
H
C
2
8
7
3
F
P
5
0
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com