Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52182E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 52182E3
Description  Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

52182E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  52182E3 Datasheet HTML 1Page - Vishay Siliconix 52182E3 Datasheet HTML 2Page - Vishay Siliconix 52182E3 Datasheet HTML 3Page - Vishay Siliconix 52182E3 Datasheet HTML 4Page - Vishay Siliconix 52182E3 Datasheet HTML 5Page - Vishay Siliconix 52182E3 Datasheet HTML 6Page - Vishay Siliconix 52182E3 Datasheet HTML 7Page - Vishay Siliconix 52182E3 Datasheet HTML 8Page - Vishay Siliconix 52182E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
159 PUL-SI
www.vishay.com
Vishay BCcomponents
Revision: 31-Jan-17
1
Document Number: 28341
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Electrolytic Capacitors
Power Ultra Long Life Snap-In
Fig. 1
FEATURES
• Useful life: 5000 h at 105
C
• Available up to 500 V
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Large types, very small dimensions, cylindrical
aluminum case, insulated with a blue sleeve
• Low ESR, high ripple current capability
• Keyed polarity snap-in version available
• High reliability
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Solar PV inverters
• General purpose, industrial and audio / video systems
• Smoothing and filtering
• Standard and switched mode power supplies
• Energy storage in pulse systems
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in μF)
• Tolerance code on rated capacitance, code letter in
accordance with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code (YYMM or in 2 digits according to IEC 60062)
• Name of manufacturer
• Code for factory of origin
• “-” sign to identify the negative terminal, visible from the
top and side of the capacitor
• Code number, last 8 digits 159 xxxxx
• Climatic category in accordance with IEC 60068
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
(Ø D x L in mm)
22 x 25 to 35 x 60
Rated capacitance range
(E6 / E12 series), CR
56 μF to 1800 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
200 V to 450 V
500 V
Category temperature range
-25 °C to +105 °C
Endurance test at 105 °C
2000 h
Load life at 105 °C
2000 h
Useful life at 105 °C
5000 h
Useful life at 40 °C and
1.6 x IR applied
500 000 h
Shelf life at 0 V, 105 °C
1000 h
Based on sectional specification
IEC 60384-4 / EN130300
Climatic category IEC 60068
25 / 105 / 56
059
PLL-SI
157
PUM-SI
159
PUL-SI
miniaturized
85
°C
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
200
250
400
450
500
56
-
-
-
22 x 25
22 x 30
68
-
-
22 x 25
22 x 30
22 x 35
-
-
-
25 x 25
25 x 30
82
-
-
22 x 30
22 x 35
22 x 35
-
-
25 x 25
-
25 x 30
100
-
-
22 x 35
22 x 40
22 x 40
-
-
25 x 30
25 x 30
25 x 35
-
-
-
30 x 25
-
120
-
-
22 x 35
-
25 x 40
-
-
25 x 30
25 x 35
30 x 30
-
-
30 x 25
-
-
150
-
-
22 x 40
25 x 40
25 x 45
-
-
25 x 35
30 x 30
30 x 35
-
-
30 x 30
35 x 25
-
180
-
-
25 x 40
25 x 45
25 x 50
-
-
30 x 30
30 x 35
30 x 40
-
-
35 x 25
-
35 x 30
220
-
22 x 30
25 x 45
30 x 40
30 x 45
-
25 x 25
30 x 35
35 x 30
35 x 35
-
-
35 x 30
-
-


Similar Part No. - 52182E3

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5218 POMONA-5218 Datasheet
46Kb / 2P
Assembly Instructions
logo
List of Unclassifed Man...
5218 ETC2-5218 Datasheet
457Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
logo
Keystone Electronics Co...
5218 KEYSTONE-5218 Datasheet
452Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Bourns Electronic Solut...
5218-RC BOURNS-5218-RC Datasheet
2Mb / 2P
5200 Series - Hash Choke
5218-RC BOURNS-5218-RC Datasheet
2Mb / 2P
5200 Series - Hash Choke
More results

Similar Description - 52182E3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PULSI VISHAY-159PULSI_15 Datasheet
107Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
20-May-15
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
31-Jan-17
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
13-Oct-16
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
31-Jan-17
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
08-Sep-17
058059PLL-SI VISHAY-058059PLL-SI Datasheet
146Kb / 11P
Aluminum Electrolytic Capacitors Power Long Life Snap-In
12-Oct-16
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
04-May-2018
158PUL-SI VISHAY-158PUL-SI_V01 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
13-Oct-16
159PUL-SI VISHAY-159PUL-SI_V01 Datasheet
122Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
16-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com