Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA17807T Datasheet(PDF) 5 Page - Rohm

Part # BA17807T
Description  Standard 78 series, 3-pin regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA17807T Datasheet(HTML) 5 Page - Rohm

  BA17807T Datasheet HTML 1Page - Rohm BA17807T Datasheet HTML 2Page - Rohm BA17807T Datasheet HTML 3Page - Rohm BA17807T Datasheet HTML 4Page - Rohm BA17807T Datasheet HTML 5Page - Rohm BA17807T Datasheet HTML 6Page - Rohm BA17807T Datasheet HTML 7Page - Rohm BA17807T Datasheet HTML 8Page - Rohm BA17807T Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BA178!!T / FP series
Regulator ICs
<BA17808T / FP individual specifications> (unless otherwise noted, Ta=25
°C, VIN=14V, IO=500mA)
Parameter
Symbol Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VO1
7.7
8.0
8.3
V
IO
=500mA
VO2
7.6
−
8.4
V
Reg.I1
−
5
160
mV
Reg.I2
−
380
mV
R.R.
56
65
−
dB
Reg.L1
−
19
160
mV
IO
=5mA
∼1A
Reg.L2
−
780
mV
IO
=250
∼750mA
TCVO
−−0.5
−
mV/˚C
Vn
−
80
−µVf=10Hz∼100kHz
Vd
−
2.0
−
VIO
=1A
Ib
−
4.5
8.0
mA
IO
=0mA
Ib1
−−
0.5
mA
Ib2
−−
0.8
mA
IO-P
−
1.7
−
ATj
=25˚C
IOS
−
0.6
−
AVIN
=25V
VIN
=10.5
∼23V, IO=5mA∼1A
VIN
=10.5
∼25V, IO=500mA
VIN
=11
∼17V, IO=500mA
eIN
=1Vrms, f=120Hz, IO=100mA
IO
=5mA, Tj=0
∼125˚C
VIN
=10.5
∼25V
Fig.1
Fig.1
Fig.1
Fig.1
Fig.2
Fig.1
Fig.1
Fig.1
Fig.3
Fig.4
Fig.5
Fig.5
Fig.5
Fig.1
Fig.6
IO=5mA
∼1A
Output voltage 1
Output voltage 2
Input stability 1
Input stability 2
Ripple rejection ratio
Load regulation 1
Load regulation 2
Temperature coefficient of output voltage
Output noise voltage
Minimum I/O voltage differential
Bias current
Bias current change 1
Bias current change 2
Peak output current
Output short-circuit current
<BA17809T / FP individual specifications> (unless otherwise noted, Ta=25
°C, VIN=15V, IO=500mA)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VO1
8.6
9.0
9.4
V
IO=500mA
VO2
8.55
−
9.45
V
Reg.I1
−
6
180
mV
Reg.I2
−
490
mV
R.R.
56
64
−
dB
Reg.L1
−
20
180
mV
IO=5mA
∼1A
Reg.L2
−
890
mV
IO=250
∼750mA
TCVO
−−0.5
−
mV/˚C
Vn
−
90
−µV
f=10Hz
∼100kHz
Vd
−
2.0
−
VIO=1A
Ib
−
4.5
8.0
mA
IO=0mA
Ib1
−−
0.5
mA
Ib2
−−
0.8
mA
IO-P
−
1.7
−
ATj=25˚C
IOS
−
0.3
−
AVIN=30V
VIN=11.5
∼26V, IO=5mA∼1A
VIN=11.5
∼26V, IO=500mA
VIN=13
∼19V, IO=500mA
eIN=1Vrms, f=120Hz, IO =100mA
IO=5mA, T j =0
∼125˚C
VIN=11.5
∼26V
IO=5mA
∼1A
Output voltage 1
Output voltage 2
Input stability 1
Input stability 2
Ripple rejection ratio
Load regulation 1
Load regulation 2
Temperature coefficient of output voltage
Output noise voltage
Minimum I/O voltage diffrential
Bias current
Bias current change 1
Bias current change 2
Peak output current
Output short-circuit current
Fig.1
Fig.1
Fig.1
Fig.1
Fig.2
Fig.1
Fig.1
Fig.1
Fig.3
Fig.4
Fig.5
Fig.5
Fig.5
Fig.1
Fig.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com