Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T83 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T83
Description  Standard and low ESR options
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T83 Datasheet(HTML) 2 Page - Vishay Siliconix

  T83 Datasheet HTML 1Page - Vishay Siliconix T83 Datasheet HTML 2Page - Vishay Siliconix T83 Datasheet HTML 3Page - Vishay Siliconix T83 Datasheet HTML 4Page - Vishay Siliconix T83 Datasheet HTML 5Page - Vishay Siliconix T83 Datasheet HTML 6Page - Vishay Siliconix T83 Datasheet HTML 7Page - Vishay Siliconix T83 Datasheet HTML 8Page - Vishay Siliconix T83 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
T83
www.vishay.com
Vishay Sprague
Revision: 14-Nov-16
2
Document Number: 40077
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Glue pad (non-conductive, part of molded case) is dedicated for glue attachment (as user option).
DIMENSIONS in inches (millimeters)
CASE CODE
EIA SIZE
L
W
H
P
TW
TH (MIN.)
A
3216-18
0.126 ± 0.008
[3.2 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.047 ± 0.004
[1.2 ± 0.10]
0.028
[0.70]
B
3528-21
0.138 ± 0.008
[3.5 ± 0.20]
0.110 ± 0.008
[2.8 ± 0.20]
0.075 ± 0.008
[1.9 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.028
[0.70]
C
6032-28
0.236 ± 0.012
[6.0 ± 0.30]
0.126 ± 0.012
[3.2 ± 0.30]
0.098 ± 0.012
[2.5 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.039
[1.0]
D
7343-31
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.110 ± 0.012
[2.8 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
E
7343-43
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30
0.157 ± 0.012
[4.0 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
63 V
0.10
A
A
0.15
A
A / B
0.22
A
B
0.33
A
A
B
0.47
A
A
A / B
B / C
0.68
A
A
B
B
C
1.0
A
A
A
A / B
A / B
B / C
1.5
A
A
A
B
B
B / C
C / D
2.2
A
A
B
A / B
A / B / C
B / C
C / D
3.3
A
A
B
B
B
B / C
B / C
D
4.7
A
A / B
A / B
A / B
A / B / C
B / C
C / D
D
D
6.8
B
B
B
A / C
C
C / D
C / D
E
10
B
B
A / C
A / B / C
B / C
B / C / D
C / D
E
E
15
B
C
A / C
B
D
C / D
D
E
22
A / C
A
B / C / D
C / D
D
D / E
33
A / C
B / C
B / C / D
B / C / D
D
D / E
47
B / C
B / C / D
B / C / D
C / D
D / E
D / E
68
D
D
D
D
D / E
100
B / D
B / D
C / D
D / E
E
150
D
D / E
D
E
220
C / D / E
D / E
330
E
E
E
470
E
H
W
T
W
P
L
T
H
(MIN.)
Glue Pad
Glue Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com