Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC208 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDC208
Description  DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC208 Datasheet(HTML) 2 Page - Texas Instruments

  CDC208 Datasheet HTML 1Page - Texas Instruments CDC208 Datasheet HTML 2Page - Texas Instruments CDC208 Datasheet HTML 3Page - Texas Instruments CDC208 Datasheet HTML 4Page - Texas Instruments CDC208 Datasheet HTML 5Page - Texas Instruments CDC208 Datasheet HTML 6Page - Texas Instruments CDC208 Datasheet HTML 7Page - Texas Instruments CDC208 Datasheet HTML 8Page - Texas Instruments CDC208 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CDC208
DUAL 1-LINE TO 4-LINE CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS109F – APRIL 1990 – REVISED OCTOBER 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
X/Y
19
1A
1
18
2
17
1Y1
20
1Y2
1
1Y3
2
1Y4
3
1
1
2
3
G5
EN
2Y1
8
2Y2
9
2Y3
10
2Y4
11
13
12
14
2A
4, 5
1OE1
1OE2
2OE1
2OE2
4, 5
4, 5
4, 5
V4
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
logic diagram (positive logic)
1Y1
20
1OE1
18
1OE2
17
1A
19
1Y2
1
1Y3
2
1Y4
3
2Y1
8
2OE1
13
2OE2
12
2A
14
2Y2
9
2Y3
10
2Y4
11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com