Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020IP3V Datasheet(PDF) 45 Page - SMSC Corporation

Part # COM20020IP3V
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020IP3V Datasheet(HTML) 45 Page - SMSC Corporation

Back Button COM20020IP3V Datasheet HTML 41Page - SMSC Corporation COM20020IP3V Datasheet HTML 42Page - SMSC Corporation COM20020IP3V Datasheet HTML 43Page - SMSC Corporation COM20020IP3V Datasheet HTML 44Page - SMSC Corporation COM20020IP3V Datasheet HTML 45Page - SMSC Corporation COM20020IP3V Datasheet HTML 46Page - SMSC Corporation COM20020IP3V Datasheet HTML 47Page - SMSC Corporation COM20020IP3V Datasheet HTML 48Page - SMSC Corporation COM20020IP3V Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
45
In the Command Chaining Mode, at any time after
the first command is issued, the processor can
issue a second "Enable Transmit from Page fnn"
command.
The COM20020 stores the fact that
the second transmit command was issued, along
with the page number.
After the first transmission is completed, the
COM20020 updates the Status Register by setting
the TTA bit, which generates an interrupt.
The
interrupt service routine should read the Status
Register. At this point, the TTA bit will be found to
be a logic "1" and the TMA (Transmit Message
Acknowledge) bit will tell the processor whether
the transmission was successful.
After reading
the Status Register, the "Clear Transmit Interrupt"
command is issued, thus resetting the TTA bit and
clearing the
interrupt.
Note
that
only the
"Clear Transmit Interrupt" command will clear the
TTA bit and the interrupt.
It is not necessary,
however, to clear the bit or the interrupt right away
because the status of the transmit operation is
double buffered in order to retain the results of the
first transmission for analysis by the processor.
This information will remain in the Status Register
until the "Clear Transmit Interrupt" command is
issued. Note that the interrupt will remain active
until the command is issued, and the second
interrupt will not occur until the first interrupt is
acknowledged.
The COM20020 guarantees a
minimum of 200nS (at EF=1) interrupt inactive
time interval between interrupts. The TMA bit is
also double buffered to reflect whether the
appropriate transmission was a success.
The
TMA bit should only be considered valid after the
corresponding TTA bit has been set to a logic "1".
The TMA bit never causes an interrupt.
When the token is received again, the second
transmission will be automatically initiated after
the first is completed by using the stored "Enable
Transmit from Page fnn" command. The operation
is as if a new "Enable Transmit from Page fnn"
command has just been issued. After the first
Transmit status bits are cleared, the Status
Register will again be updated with the results of
the second transmission and a second interrupt
resulting from the second transmission will occur.
The COM20020 guarantees a minimum of 200ns
(at EF=1) interrupt inactive time interval before the
following edge.
The Transmitter Available (TA) bit of the Interrupt
Mask Register now masks only the TTA bit of the
Status Register, not the TA bit as in the non-
chaining mode. Since the TTA bit is only set upon
transmission of a packet (not by RESET), and
since the TTA bit may easily be reset by issuing a
"Clear Transmit Interrupt" command, there is no
need to use the TA bit of the Interrupt Mask
Register to mask interrupts generated by the TTA
bit of the Status Register.
In
Command
Chaining
mode,
the
"Disable
Transmitter" command will cancel the oldest
transmission.
This permits canceling a packet
destined for a node not ready to receive. If both
packets
should
be
canceled,
two
"Disable
Transmitter" commands should be issued.
Receive Command Chaining
Like the Transmit Command Chaining operation,
the processor can issue two consecutive "Enable
Receive from Page fnn" commands.
After the first packet is received into the first
specified page, the TRI bit of the Status Register
will be set to logic "1", causing an interrupt.
Again,
the
interrupt
need
not
be
serviced
immediately.
Typically, the interrupt service
routine will read the Status Register. At this point,
the RI bit will be found to be a logic "1". After
reading the Status Register, the "Clear Receive
Interrupt" command should be issued, thus
resetting the TRI bit and clearing the interrupt.
Note that only the "Clear Receive Interrupt"
command will clear the TRI bit and the interrupt. It
is not necessary, however, to clear the bit or the
interrupt right away because the status of the
receive operation is double buffered in order to
retain the results of the first reception for analysis
by the processor, therefore the information will
remain in the Status Register until the "Clear
Receive Interrupt" command is issued. Note that
the interrupt will remain active until the "Clear
Receive Interrupt" command is issued, and the
second interrupt will be stored until the first
interrupt is acknowledged. A minimum of 200nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com