Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6932 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CYWUSB6932
Description  WirelessUSB LS 2.4-GHz DSSS Radio SoC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6932 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CYWUSB6932 Datasheet HTML 15Page - Cypress Semiconductor CYWUSB6932 Datasheet HTML 16Page - Cypress Semiconductor CYWUSB6932 Datasheet HTML 17Page - Cypress Semiconductor CYWUSB6932 Datasheet HTML 18Page - Cypress Semiconductor CYWUSB6932 Datasheet HTML 19Page - Cypress Semiconductor CYWUSB6932 Datasheet HTML 20Page - Cypress Semiconductor CYWUSB6932 Datasheet HTML 21Page - Cypress Semiconductor CYWUSB6932 Datasheet HTML 22Page - Cypress Semiconductor CYWUSB6932 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
CYWUSB6932
CYWUSB6934
Document 38-16007 Rev. *G
Page 19 of 30
Note:
7.
The RSSI will collect a single value each time the part is put into receive mode via Control register (Reg 0x03, bit 7=1). See Section 4.7 for more details.
Addr: 0x21
REG_CHANNEL
Default: 0x00
765432
10
Reserved
Channel
Figure 7-22. Channel
Bit
Name
Description
7
Reserved
This bit is reserved and should be written with zero.
6:0
Channel
The Channel register (Reg 0x21) is used to determine the Synthesizer frequency. A value of 2 corresponds to a communication
frequency of 2.402 GHz, while a value of 79 corresponds to a frequency of 2.479GHz. The channels are separated from each
other by 1 MHz intervals.
Limit application usage to channels 2-79 to adhere to FCC regulations. FCC regulations require that channels 0 and 1 and
any channel greater than 79 be avoided. Use of other channels may be restricted by other regulatory agencies. The application
MCU must ensure that this register is modified before transmitting data over the air for the first time.
Addr: 0x22
REG_RSSI
Default: 0x00
765432
10
Reserved
Valid
RSSI
Figure 7-23. Receive Signal Strength Indicator (RSSI)[7]
Bit
Name
Description
7:6
Reserved
These bits are reserved. This register is read-only.
5
Valid
The Valid bit indicates whether the RSSI value in bits [4:0] are valid. This register is Read Only.
1 = RSSI value is valid
0 = RSSI value is invalid
4:0
RSSI
The Receive Strength Signal Indicator (RSSI) value indicates the strength of the received signal. This is a read only
value with the higher values indicating stronger received signals meaning more reliable transmissions.
Addr: 0x23
REG_PA
Default: 0x00
765432
10
Reserved
PA Bias
Figure 7-24. PA Bias
Bit
Name
Description
7:3
Reserved
These bits are reserved and should be written with zeroes.
2:0
PA Bias
The Power Amplifier Bias (PA Bias) bits are used to set the transmit power of the IC through increasing (values up to 7) or
decreasing (values down to 0) the gain of the on-chip Power Amplifier. The higher the register value the higher the transmit
power. By changing the PA Bias value signal strength management functions can be accomplished. For general purpose
communication a value of 7 is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com