Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC208N Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC208N
Description  DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC208N Datasheet(HTML) 1 Page - Texas Instruments

  CDC208N Datasheet HTML 1Page - Texas Instruments CDC208N Datasheet HTML 2Page - Texas Instruments CDC208N Datasheet HTML 3Page - Texas Instruments CDC208N Datasheet HTML 4Page - Texas Instruments CDC208N Datasheet HTML 5Page - Texas Instruments CDC208N Datasheet HTML 6Page - Texas Instruments CDC208N Datasheet HTML 7Page - Texas Instruments CDC208N Datasheet HTML 8Page - Texas Instruments CDC208N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CDC208
DUAL 1-LINE TO 4-LINE CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS109F – APRIL 1990 – REVISED OCTOBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low-Skew Propagation Delay
Specifications for Clock-Driver
Applications
D TTL-Compatible Inputs and
CMOS-Compatible Outputs
D Flow-Through Architecture Optimizes
PCB Layout
D Center-Pin VCC and GND Pin
Configurations Minimize High-Speed
Switching Noise
D EPIC ™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic
Small-Outline (DW)
description
The CDC208 contains dual clock-driver circuits that fanout one input signal to four outputs with minimum skew
for clock distribution (see Figure 2). The device also offers two output-enable (OE1 and OE2) inputs for each
circuit that can force the outputs to be disabled to a high-impedance state or to a high- or low-logic level
independent of the signal on the respective A input.
Skew parameters are specified for a reduced temperature and voltage range common to many applications.
The CDC208 is characterized for operation from – 40
°C to 85°C.
FUNCTION TABLES
INPUTS
OUTPUTS
1OE1
1OE2
1A
1Y1
1Y2
1Y3
1Y4
L
L
L
L
L
L
L
L
LH
H
HH
H
L
HX
L
LL
L
H
LX
H
HH
H
H
H
X
Z
Z
Z
Z
INPUTS
OUTPUTS
2OE1
2OE2
2A
2Y1
2Y2
2Y3
2Y4
L
L
L
L
L
L
L
L
LH
H
HH
H
L
HX
L
LL
L
H
LX
H
HH
H
H
H
X
Z
Z
Z
Z
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1Y2
1Y3
1Y4
GND
GND
GND
GND
2Y1
2Y2
2Y3
1Y1
1A
1OE1
1OE2
VCC
VCC
2A
2OE1
2OE2
2Y4
DW PACKAGE
(TOP VIEW)


Similar Part No. - CDC208N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC208N TI1-CDC208N Datasheet
1Mb / 18P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208NS TI1-CDC208NS Datasheet
1Mb / 18P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208NS TI2-CDC208NS Datasheet
624Kb / 17P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
REVISED OCTOBER 1998
CDC208NS.A TI2-CDC208NS.A Datasheet
624Kb / 17P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
REVISED OCTOBER 1998
CDC208NSG4 TI1-CDC208NSG4 Datasheet
1Mb / 18P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CDC208N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
logo
PulseCore Semiconductor
ASM2P2351AH PULSECORE-ASM2P2351AH Datasheet
464Kb / 12P
1-Line To 10-Line Clock Driver With 3-State Outputs
logo
Texas Instruments
CDC209 TI1-CDC209 Datasheet
190Kb / 11P
DUAL 1-LINE TO 4-LINE CLOCK DRIVERS WITH 3-STATE OUTPUTS
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208_15 TI-CDC208_15_15 Datasheet
826Kb / 16P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI1-CDC208_16 Datasheet
1Mb / 18P
DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com