Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6934 Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # CYWUSB6934
Description  WirelessUSB LS 2.4-GHz DSSS Radio SoC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6934 Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CYWUSB6934 Datasheet HTML 13Page - Cypress Semiconductor CYWUSB6934 Datasheet HTML 14Page - Cypress Semiconductor CYWUSB6934 Datasheet HTML 15Page - Cypress Semiconductor CYWUSB6934 Datasheet HTML 16Page - Cypress Semiconductor CYWUSB6934 Datasheet HTML 17Page - Cypress Semiconductor CYWUSB6934 Datasheet HTML 18Page - Cypress Semiconductor CYWUSB6934 Datasheet HTML 19Page - Cypress Semiconductor CYWUSB6934 Datasheet HTML 20Page - Cypress Semiconductor CYWUSB6934 Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
CYWUSB6932
CYWUSB6934
Document 38-16007 Rev. *G
Page 17 of 30
Addr: 0x19
REG_THRESHOLD_L
Default: 0x08
765432
10
Reserved
Threshold Low
Figure 7-17. Threshold Low
Bit
Name
Description
7
Reserved
This bit is reserved and should be written with zero.
6:0
Threshold Low
The Threshold Low value is used to determine the number of missed chips allowed when attempting to correlate a
single data bit of value ‘0’. A perfect reception of a data bit of ‘0’ with a 64 chips/bit PN code would result in zero
correlation matches, meaning the exact inverse of the PN code has been received. By setting the Threshold Low
value to 0x08 for example, up to eight chips can be erroneous while still identifying the value of the received data
bit. This value along with the Threshold High value determine the correlator count values for logic ‘1’ and logic ‘0’.
The threshold values used determine the sensitivity of the receiver to interference and the dependability of the
received data. By allowing a minimal number of erroneous chips the dependability of the received data increases
while the robustness to interference decreases. On the other hand increasing the maximum number of missed chips
means reduced data integrity but increased robustness to interference and increased range.
Addr: 0x1A
REG_THRESHOLD_H
Default: 0x38
765432
10
Reserved
Threshold High
Figure 7-18. Threshold High
Bit
Name
Description
7
Reserved
This bit is reserved and should be written with zero.
6:0
Threshold High
The Threshold High value is used to determine the number of matched chips allowed when attempting to correlate
a single data bit of value ‘1’. A perfect reception of a data bit of ‘1’ with a 64 chips/bit or a 32 chips/bit PN code would
result in 64 chips/bit or 32 chips/bit correlation matches, respectively, meaning every bit was received perfectly. By
setting the Threshold High value to 0x38 (64-8) for example, up to eight chips can be erroneous while still identifying
the value of the received data bit. This value along with the Threshold Low value determine the correlator count
values for logic ‘1’ and logic ‘0’. The threshold values used determine the sensitivity of the receiver to interference
and the dependability of the received data. By allowing a minimal number of erroneous chips the dependability of
the received data increases while the robustness to interference decreases. On the other hand increasing the
maximum number of missed chips means reduced data integrity but increased robustness to interference and
increased range.
Addr: 0x1C
REG_WAKE_EN
Default: 0x00
76
543
210
Reserved
Wakeup En-
able
Figure 7-19. Wake Enable
Bit
Name
Description
7:1
Reserved
These bits are reserved and should be written with zeroes.
0
Wakeup Enable
Wakeup interrupt enable.
0 = disabled
1 = enabled
A wakeup event is triggered when the PD pin is deasserted and once the IC is ready to receive SPI communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com