Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA17810T/FP Datasheet(PDF) 2 Page - Rohm

Part # BA17810T/FP
Description  Standard 78 series, 3-pin regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA17810T/FP Datasheet(HTML) 2 Page - Rohm

  BA17810T/FP Datasheet HTML 1Page - Rohm BA17810T/FP Datasheet HTML 2Page - Rohm BA17810T/FP Datasheet HTML 3Page - Rohm BA17810T/FP Datasheet HTML 4Page - Rohm BA17810T/FP Datasheet HTML 5Page - Rohm BA17810T/FP Datasheet HTML 6Page - Rohm BA17810T/FP Datasheet HTML 7Page - Rohm BA17810T/FP Datasheet HTML 8Page - Rohm BA17810T/FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BA178!!T / FP series
Regulator ICs
"
"
"
"
Internal circuit configuration diagram
R4
R2
R16
R15
C1
R10
R8
R9
R11
R12
R20
R19
R21
R17
R13
D2
R5
R6
R1
R7
R22
R18
R3
R14
D3
D1
Q3
Q11
Q4
Q2
Q7
Q5
Q13
Q12
Q10
Q6
Q8
Q9
Q15
Q16
Q17
Q1
Q14
Q18
(2)
COMMON
(3)
OUTPUT
(1)
INPUT
"
"
"
"
Absolute maximum ratings (Ta=25
°C)
^Common specifications for BA178!!T / FP seriesp
Parameter
Symbol
Limits
Unit
Applied voltage
VIN
35
V
Power
dissipation
TO220FP
W
Operating temperature
Topr
˚C
Storage temperature
Tstg
˚C
2.0 ∗
1.0 ∗
∗ Reduced by 16 mW / ˚C (TO220FP) and 8 mW / ˚C (TO252-3) for each increase in Ta of 1˚C over 25˚C
(without heat sink).
TO252-3
Pd
−40∼+85
−55∼+150
"
"
"
"
Recommended operating conditions (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
BA17805T / FP
Max.
Unit
Input voltage
7.5
−
25
V
Output current
−
1A
−
VIN
IO
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
8.5
−
21
V
Output current
−−
1A
VIN
IO
BA17806T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
9.5
−
22
V
−−
1A
VIN
IO
BA17807T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
Output current
10.5
−
23
V
−−
1A
VIN
IO
BA17808T / FP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com