Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC-08ED Datasheet(PDF) 3 Page - NXP Semiconductors

Part # DAC-08ED
Description  8-bit high-speed multiplying D/A converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC-08ED Datasheet(HTML) 3 Page - NXP Semiconductors

  DAC-08ED Datasheet HTML 1Page - NXP Semiconductors DAC-08ED Datasheet HTML 2Page - NXP Semiconductors DAC-08ED Datasheet HTML 3Page - NXP Semiconductors DAC-08ED Datasheet HTML 4Page - NXP Semiconductors DAC-08ED Datasheet HTML 5Page - NXP Semiconductors DAC-08ED Datasheet HTML 6Page - NXP Semiconductors DAC-08ED Datasheet HTML 7Page - NXP Semiconductors DAC-08ED Datasheet HTML 8Page - NXP Semiconductors DAC-08ED Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Product data
DAC-08 Series
8-bit high-speed multiplying D/A converter
2001 Aug 03
3
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
DAC-08CN
SOT38-4
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
DAC-08EN
SOT38-4
16-Pin Plastic Small Outline (SO) Package
0 to +70
°C
DAC-08ED
SOT109-1
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
DAC-08HN
SOT38-4
BLOCK DIAGRAM
BIAS
NETWORK
CURRENT
SWITCHES
MSB
LSB
V+
13
1
5
6
7
8
9
10
11
12
14
15
16
3
4
2
COMP.
V–
REFERENCE
AMPLIFIER
VREF(+)
VREF(–)
B1
VLC
B2
B3
B4
B5
B6
B7
B8
IOUT
+
–
IOUT
SL00002
Figure 2. Block Diagram
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
V+ to V–
Power supply voltage
36
V
V5–V12
Digital input voltage
V– to V– plus 36 V
VLC
Logic threshold control
V– to V+
V0
Applied output voltage
V– to +18
V
I14
Reference current
5.0
mA
V14, V15
Reference amplifier inputs
VEE to VCC
PD
Maximum power dissipation Tamb = 25 °C (still-air)1
N package
1450
mW
D package
1090
mW
TSOLD
Lead soldering temperature (10 sec max)
230
°C
Tamb
Operating temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
NOTE:
1. Derate above 25
°C, at the following rates:
N package at 11.6mW/
°C
D package at 8.7mW/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com