Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7215IM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC7215IM
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7215IM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMC7215IM Datasheet HTML 2Page - National Semiconductor (TI) LMC7215IM Datasheet HTML 3Page - National Semiconductor (TI) LMC7215IM Datasheet HTML 4Page - National Semiconductor (TI) LMC7215IM Datasheet HTML 5Page - National Semiconductor (TI) LMC7215IM Datasheet HTML 6Page - National Semiconductor (TI) LMC7215IM Datasheet HTML 7Page - National Semiconductor (TI) LMC7215IM Datasheet HTML 8Page - National Semiconductor (TI) LMC7215IM Datasheet HTML 9Page - National Semiconductor (TI) LMC7215IM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Typical Performance Characteristics T
A= 25˚C unless otherwise specified (Continued)
Application Information
RESPONSE TIME
Depending upon the amount of overdrive, the delay will typi-
cally be between 10 µs to 200 µs. The curve showing delay
vs overdrive in the “Typical Characteristics” section shows
the delay time when the input is preset with 100 mV across
the inputs and then is driven the other way by 1 mV to 500
mV.
The transition from high to low or low to high is fast. Typically
1 µs rise and 400 ns fall.
With a small signal input, the comparators will provide a
square wave output from sine wave inputs at frequencies as
high as 25 kHz.
Figure 1 shows a worst case example where
a ±5 mV sine wave is applied to the input. Note that the out-
put is delayed by almost 180˚.
NOISE
Most comparators have rather low gain. This allows the out-
put to spend time between high and low when the input sig-
nal changes slowly. The result is the output may oscillate be-
tween high and low when the differential input is near zero.
The exceptionally high gain of these comparators, 10,000V/
mV, eliminates this problem. Less then 1 µV of change on
the input will drive the output from one rail to the other rail.
If the input signal is noisy, the output cannot ignore the noise
unless some hysteresis is provided by positive feedback.
INPUT VOLTAGE RANGE
The LMC7215/25 have input voltage ranges that are larger
than the supply voltage guarantees that signals from other
parts of the system cannot overdrive the inputs. This allows
sensing supply current by connecting one input directly to
the V
+ line and the other to the other side of a current sense
resistor. The same is true if the sense resistor is in the
ground return line.
Sensing supply voltage is also easy by connecting one input
directly to the supply.
The inputs of these comparators are protected by diodes to
both supplies. This protects the inputs from both ESD as well
as signals that greatly exceed the supply voltages. As a re-
sult, current will flow through these forward biased diodes
whenever the input voltage is more than a few hundred mil-
livolts larger than the supplies. Until this occurs, there is es-
sentially no input current. As a result, placing a large resistor
in series with any input that may be exposed to large volt-
ages, will limit the input current but have no other noticeable
effect.
If the input current is limited to less than 5 mA by a series re-
sistor, (see
Figure 2), a threshold or zero crossing detector,
that works with inputs from as low as a few millivolts to as
high as 5,000V, is made with only one resistor and the com-
parator.
INPUTS
As mentioned above, these comparators have near zero in-
put current. This allows very high resistance circuits to be
used without any concern for matching input resistances.
Output Leakage Current
vs Output Voltage
LMC7225
DS012853-20
DS012853-4
FIGURE 1.
DS012853-5
FIGURE 2.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com