Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM-015A-LP Datasheet(PDF) 1 Page - All Sensors Corporation

Part # CSM-015A-LP
Description  Surface Mount Basic Pressure Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

CSM-015A-LP Datasheet(HTML) 1 Page - All Sensors Corporation

  CSM-015A-LP Datasheet HTML 1Page - All Sensors Corporation CSM-015A-LP Datasheet HTML 2Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All Sensors
DS-0165 Rev C
MKT
DATE
MFG
DATE
ENG
DATE
QA
DATE
Approvals
As Is
With Change
As Is
With Change
As Is
With Change
As Is
With Change
• 5 inH2O Full Sacale to 100 psi Full ScalePressures
• 0.5 % linearity
• Small LCC Footprint
• ROHS Compliant
General Description
Features
Surface Mount Basic Pressure Sensors
The BASIC Serices of pressure sensors use a silicon micromachined (MEMS) pressure sensor in the most basic configuration. The
package is a ceramic surface mount configuration to provide the smallest footprint possible. Best temperature compensation is
realized when the sensor has a constant current excitation. This series is intended for use with non-corrosive, non-ionic working fluids
such as air, dry gases and the like. Specifications are written for constant voltage of 3.0 volts. The output of the device is ratiometric to
the supply voltage.
• Medical Instrumentation
• Environmental Controls
• HVAC
Applications
PINOUT
Pin 1: Vs
Pin 2: +out
Pin 3: N.C. Reserved
Pin 4: N.C. Reserved
Pin 5: N.C. Reserved
Pin 6: N.C. Reserved
Pin 7: -out
Pin 8: Gnd
LP Package
LF Package
Pin 2 1 8 7
6
3
Dimensions: inch [mm]
Back Side (Common to LP and LF Packages)
Part Marking
Part Marking
Port on Gage
devi ces only
PART MARKING
L05G - 5 inH2O
L10G - 10 inH2O
001G - 1 PSIG
005G - 5 PSIG
015G - 15 PSIG
015A - 15 PSIA
030G - 30 PSIG
060G - 60 PSIG
100G - 100 PSIG
Physical Dimensions
Equivalent Circuit
3.81
.150
.145
3.68
0.89
.035
.035
0.89
2X
1.4
.055
.035
2X
0.89
7.62
.300 SQ.
.165
4.19
2X
Pin 1
CL
Solder pads are pre-tinned
Vs
+Out
-Out
Gnd


Similar Part No. - CSM-015A-LP

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
CSM-015A-LP ASC-CSM-015A-LP Datasheet
323Kb / 2P
Surface Mount Basic Pressure Sensors
Rev C
CSM-015A-LP ASC-CSM-015A-LP Datasheet
323Kb / 2P
Surface Mount Basic Pressure Sensors
Rev C
CSM-015A-LP ASC-CSM-015A-LP Datasheet
323Kb / 2P
Surface Mount Basic Pressure Sensors
More results

Similar Description - CSM-015A-LP

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RPUM035G6A SENSORTECHNICS-RPUM035G6A Datasheet
219Kb / 5P
Basic pressure sensors
RQUM050D SENSORTECHNICS-RQUM050D Datasheet
157Kb / 4P
Basic pressure sensors
RXUB001A SENSORTECHNICS-RXUB001A Datasheet
267Kb / 7P
Basic pressure sensors
RZUP015A SENSORTECHNICS-RZUP015A Datasheet
261Kb / 5P
Basic pressure sensors
HDUM100 SENSORTECHNICS-HDUM100 Datasheet
582Kb / 4P
Basic pressure sensors
HMUM100 SENSORTECHNICS-HMUM100 Datasheet
357Kb / 14P
Basic pressure sensors
logo
All Sensors Corporation
DS-01651 ASC-DS-01651 Datasheet
323Kb / 2P
Surface Mount Basic Pressure Sensors
CSM-001G-LF ASC-CSM-001G-LF Datasheet
323Kb / 2P
Surface Mount Basic Pressure Sensors
Rev C
CSM-015G-LF ASC-CSM-015G-LF Datasheet
323Kb / 2P
Surface Mount Basic Pressure Sensors
Rev C
DS-0165 ASC-DS-0165 Datasheet
323Kb / 2P
Surface Mount Basic Pressure Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com