Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1102 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ISP1102
Description  Advanced Universal Serial Bus transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1102 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ISP1102 Datasheet HTML 15Page - NXP Semiconductors ISP1102 Datasheet HTML 16Page - NXP Semiconductors ISP1102 Datasheet HTML 17Page - NXP Semiconductors ISP1102 Datasheet HTML 18Page - NXP Semiconductors ISP1102 Datasheet HTML 19Page - NXP Semiconductors ISP1102 Datasheet HTML 20Page - NXP Semiconductors ISP1102 Datasheet HTML 21Page - NXP Semiconductors ISP1102 Datasheet HTML 22Page - NXP Semiconductors ISP1102 Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Philips Semiconductors
ISP1102
Advanced USB transceiver
Product data
Rev. 03 — 02 September 2003
21 of 23
9397 750 11228
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[5]
If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave
direction. The package footprint must incorporate solder thieves downstream and at the side corners.
[6]
Wave soldering is suitable for LQFP, QFP and TQFP packages with a pitch (e) larger than 0.8 mm; it
is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
[7]
Wave soldering is suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than
0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
[8]
Hot bar soldering or manual soldering is suitable for PMFP packages.
17. Revision history
Table 17:
Revision history
Rev Date
CPCN
Description
03
20030902
-
Product data (9397 750 11228)
Modifications:
• Added HVQFN14 package information
• Section 2: updated
• Added pad details to Table 2
• Section 7.3: updated the first line under Normal mode
• Table 6: added a table note
• Section 8.1: updated the first paragraph and added a note
• Table 9: updated info on Vesd and added a table note.
02
20030106
-
Product data (9397 750 10397)
01
20000524
-
Objective data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com