Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3JB Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # S3JB
Description  SURFACEMOUNTRECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S3JB Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  S3JB Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S3JB Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited S3JB Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
SURFACEMOUNTRECTIFIERS
S3AB--S3MB
Document Number : SMB002AA
www.gmicroelec.com
1
FEATURES
Low profile package
For surface mounted applications
High current capability
Built-in strain relief, ideal for automated placement
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
High temperature soldering: 250℃/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AA,molded plastic over passivated chip
Terminals: Solder Plated, solderable per MIL-STD- 750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.003 ounces, 0.093 gram
Maximum Ratings(@TA = 25°C unless otherwise specified)
Characteristic
Symbol
S3AB
S3BB
S3DB
S3GB
S3JB
S3KB
S3MB
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRWS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current at
TL=90℃
IF(AV)
3.0
A
Peak forward surge current @ TL = 110°C
8.3mssingle half-sine-wave
superimposed on rated load(JEDEC Method)
IFSM
100
A
Thermal Characteristics
Characteristic
Symbol
S3AB
S3BB
S3DB
S3GB
S3JB
S3KB
S3MB
UNITS
Typical junction capacitance (NOTE 1)
CJ
35
p F
Typical thermal resistance (NOTE 2)
R θ JA
40
℃
/W
Operating junction and storage temperature range
TJ TSTG
-55--------+150
℃
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
S3AB
S3BB
S3DB
S3GB
S3JB
S3KB
S3MB
UNITS
Maximum Instantaneous Forward Voltage at 3.0A
VF
1.15
V
Maximum DC reverse current TA=25℃
at rated DC blocking voltage TA=100℃
IR
10
100
μ A
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts
2. Thermal resistance from junction to ambient and junction to lead P.C.B. mounted on 0.27''X0.27''(7.0X7.0mm2) copper pad areas
Pb
Lead-free


Similar Part No. - S3JB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3JB DIODES-S3JB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
List of Unclassifed Man...
S3JB ETC1-S3JB Datasheet
67Kb / 2P
3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Won-Top Electronics
S3JB WTE-S3JB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3JB TSC-S3JB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3JB TSC-S3JB Datasheet
143Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
More results

Similar Description - S3JB

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
S3A BILIN-S3A_12 Datasheet
216Kb / 3P
SURFACEMOUNTRECTIFIERS
S2A BILIN-S2A_15 Datasheet
178Kb / 3P
SURFACEMOUNTRECTIFIERS
S2AFA BILIN-S2AFA Datasheet
150Kb / 3P
SURFACEMOUNTRECTIFIERS
S3ABT BILIN-S3ABT Datasheet
152Kb / 3P
SURFACEMOUNTRECTIFIERS
S5ABT BILIN-S5ABT Datasheet
149Kb / 3P
SURFACEMOUNTRECTIFIERS
S5AC BILIN-S5AC_14 Datasheet
176Kb / 3P
SURFACEMOUNTRECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com