Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLV-005D Datasheet(PDF) 16 Page - All Sensors Corporation

Part # MLV-005D
Description  MLV Series Low Voltage Pressure Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

MLV-005D Datasheet(HTML) 16 Page - All Sensors Corporation

Back Button MLV-005D Datasheet HTML 8Page - All Sensors Corporation MLV-005D Datasheet HTML 9Page - All Sensors Corporation MLV-005D Datasheet HTML 10Page - All Sensors Corporation MLV-005D Datasheet HTML 11Page - All Sensors Corporation MLV-005D Datasheet HTML 12Page - All Sensors Corporation MLV-005D Datasheet HTML 13Page - All Sensors Corporation MLV-005D Datasheet HTML 14Page - All Sensors Corporation MLV-005D Datasheet HTML 15Page - All Sensors Corporation MLV-005D Datasheet HTML 16Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
MLV Series Low Voltage Pressure Sensors
All Sensors reserves the right to make changes to any products herein. All Sensors does not assume any liability arising out of the application or use of any product or circuit
described herein, neither does it convey any license under its patent rights nor the rights of others.
Package Characteristics
Suggested Pad Layout
PAD-01
(Finished Size)
0.035~0.039 inch
PAD-03
(Finish Size)
0.035~0.039 inch
0.630
16
0.590
14.99
0.090
2.29
PAD-10
Approximate Port Volume
Package ID
Port A
Port B
Units
Notes
Weight
Units
Notes
A6AAx
132
33.6
mm3
1
9.3
Grams
2
A6BAx
119
20.3
mm3
1
8.7
Grams
2
A6CAx
119
20.5
mm3
1
8.8
Grams
2
A6DAx
120
21.3
mm3
1
8.8
Grams
2
A6EAx
119
33.6
mm3
1
8.9
Grams
2
A6FAx
125
33.6
mm3
1
9.2
Grams
2
E1Nx
174
168
mm3
-
1.2
Grams
-
E2Nx
174
168
mm3
-
1.2
Grams
-
EGNx
1.4
168
mm3
-
0.9
Grams
-
Package Notes
Note 1: Add 4.5 mm3 per port with barb fitting.
Note 2: Add 0.15 gram per barb fitting.
Product Labeling
Lot Number
Part Number
Company
Example Device Label
All Sensors
R9J21-3
A6AAF-N
MLV-L02D
* 5 PSI to 150 PSI devices may not be assembled with CoBeam2TM Technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com