Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLV-005D Datasheet(PDF) 12 Page - All Sensors Corporation

Part # MLV-005D
Description  MLV Series Low Voltage Pressure Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

MLV-005D Datasheet(HTML) 12 Page - All Sensors Corporation

Back Button MLV-005D Datasheet HTML 8Page - All Sensors Corporation MLV-005D Datasheet HTML 9Page - All Sensors Corporation MLV-005D Datasheet HTML 10Page - All Sensors Corporation MLV-005D Datasheet HTML 11Page - All Sensors Corporation MLV-005D Datasheet HTML 12Page - All Sensors Corporation MLV-005D Datasheet HTML 13Page - All Sensors Corporation MLV-005D Datasheet HTML 14Page - All Sensors Corporation MLV-005D Datasheet HTML 15Page - All Sensors Corporation MLV-005D Datasheet HTML 16Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MLV Series Low Voltage Pressure Sensors
EGND Package
0.64
2.12
0.084
0.025
0.154
3.90
0.350
(min)
8.89
Absolute devices
are without port hole.
4.41
0.174
0.032
0.81
0.225
5.72
NOTES
1) Dimensions are in inches [mm]
3
0
-
D
A
P
:
g
n
i
w
a
r
d
e
e
s
,t
u
o
y
a
l
d
a
p
d
e
t
s
e
g
g
u
s
r
o
F
)
2
4
3
2
1
n
i
P
Pin 8 7 6 5
Port B
2.10
10.79
0.425
12.70
0.500
0.082
0.100
2.54
EGBD Package
0.169
4.28
0.64
2.12
0.084
0.025
0.350
(min)
8.89
Absolute devices
are without port hole.
4.41
0.174
0.032
0.81
0.200
5.08
Pin 1 2 3 4
Pin 8 7 6 5
Port B
0.425
10.80
12.70
0.500
0.083
2.54
0.100
2.11
0.045
1.14
NOTES
1) Dimensions are in inches [mm]
2) For suggested pad layout, see drawing: PAD-03
Pinout
1) Gnd
2) +Out
3) Vs
4) -Out
5) Do Not Connect
6) Do Not Connect
7) Do Not Connect
8) Do Not Connect
Pinout
1) Gnd
2) +Out
3) Vs
4) -Out
5) Do Not Connect
6) Do Not Connect
7) Do Not Connect
8) Do Not Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com