Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT30AYT Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT30AYT
Description  High Performance Off-Line Controller ActiveSwitcherTM IC Family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT30AYT Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT30AYT Datasheet HTML 1Page - Active-Semi, Inc ACT30AYT Datasheet HTML 2Page - Active-Semi, Inc ACT30AYT Datasheet HTML 3Page - Active-Semi, Inc ACT30AYT Datasheet HTML 4Page - Active-Semi, Inc ACT30AYT Datasheet HTML 5Page - Active-Semi, Inc ACT30AYT Datasheet HTML 6Page - Active-Semi, Inc ACT30AYT Datasheet HTML 7Page - Active-Semi, Inc ACT30AYT Datasheet HTML 8Page - Active-Semi, Inc ACT30AYT Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ACT30
Rev 5, 05-Jun-09
Active-Semi
Innovative Power
TM
- 5 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActiveSwitcher
TM is a trademark of Active-Semi.
Normal Operation
In normal operation, the feedback signal from the
secondary
side
is
transmitted
through
the
optocoupler as a current signal into VVDD pin, which
has dynamic impedance of 9kΩ. The resulting VVDD
voltage affects the switching of the IC. As seen in
the Functional Block Diagram, the Current Limit VC
Generator uses the VVDD voltage difference with
4.75V to generate a proportional offset at the
negative input of the Error Comparator.
The drivers turn on at the beginning of each
switching cycle. The current sense resistor current,
which is a fraction of the transformer primary
current, increases with time as the primary current
increases. When the voltage across this current
sense resistor plus the oscillator ramp signal equals
Error Comparator's negative input voltage, the
drivers turn off. Thus, the peak DRV1 current has a
negative voltage coefficient of -0.29A/V and can be
calculated from the following:
for VVDD < 4.75V and duty cycle < 50%.
When the output voltage is lower than regulation,
the current into VVDD pin is zero and VVDD voltage
decreases. At VVDD = VUV = 3.35V, the peak DRV1
current has maximum value of 400mA.
Current Limit Adjustment
The IC's proprietary driver arrangement allows the
current limit to be easily adjusted between 400mA
and 1.2A. To understand this, the drivers have to be
utilized as linear resistive devices with typically
3.6Ω (rather than as digital output switches). The
current limit can then be calculated through linear
combination as shown in Figure 3. For TO-92
package, the ACT30A are preprogrammed to
400mA
current
limit
and
the
ACT30B
are
preprogrammed to 800mA current limit, for SOT23-
B package, the ACT30A are preprogrammed to
400mA current limit.
Figure 3:
Driver Output Configurations
()
VDD
PEAK
1
DRV
V
V
75
.
4
V
/
A
29
.
0
I
×
=
⎛ +
×
=
6
.
3
R
2
mA
400
I
D
LIM
Figure 2:
Startup Waveforms
pulse-skipped
VAC
VDRV1
VVDD
IPRIMARY
VOUT
VDRVST
5V
mA
400
I
LIM =
⎟⎟
⎜⎜
+
+
×
=
D
D
LIM
R
6
.
3
R
2
.
7
mA
400
I
mA
800
I
LIM =
DRV1
DRV2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com