Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2KFA Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # US2KFA
Description  Surface Mount Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

US2KFA Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  US2KFA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited US2KFA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited US2KFA Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface Mount Rectifiers
US2AFA--US2MFA
Document Number : AFL303AA
www.gmicroelec.com
1
FEATURES
For surface mount applications
Easy pick and place
Ultra fast recovery times for high efficiency
Low forward voltage low power loss
Built-in strain relief ideal for automated placement
High temperature soldering: 25
/10 seconds on terminals
Plastic package has underwriters laboratories flammability classification 94V-0
MECHANICAL DATA
Case: JEDEC SMAFL, molded plastic body over passivated chip
Terminals: Solder Plated, solderable per MIL-STD-750,Method 2026
Polarity: Color band denotes cathode end
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
US2AFA
US2BFA
US2DFA
US2GFA
US2JFA
US2KFA
US2MFA
UNITS
Marking code
U2A
U2B
U2D
U2G
U2J
U2K
U2M
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRWS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current at
TL=90
IF(AV)
2.0
A
Peak forward surge current
8.3ms single half sine-wave
super imposed on rated load
IFSM
50
A
Thermal Characteristics
Characteristic
Symbol
US2AFA
US2BFA
US2DFA
US2GFA
US2JFA
US2KFA
US2MFA
UNITS
Operating temperature range
TJ
-55------- +150
Storage temperature range
TSTG
-55------- +150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
US2AFA
US2BFA
US2DFA
US2GFA
US2JFA
US2KFA
US2MFA
UNITS
Maximum instantaneous forward voltage
at 2.0A
VF
1.0
1.25
1.7
V
Maximum DC reverse current @TA=25
at rated DC blocking voltage @TA=125
IR
10
350
μ A
Maximum reverse recovery time
at IF=0.5A IR=1.0A Irr=0.25A
trr
50
75
ns
Pb
Lead-free


Similar Part No. - US2KFA

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
US2KF CHENDA-US2KF Datasheet
652Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
SUNMATE electronic Co.,...
US2KF SUNMATE-US2KF Datasheet
485Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
Nanjing International G...
US2KF DGNJDZ-US2KF Datasheet
279Kb / 2P
2.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US2KF DGNJDZ-US2KF Datasheet
279Kb / 2P
2.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US2KF DGNJDZ-US2KF Datasheet
279Kb / 2P
2.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
More results

Similar Description - US2KFA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com