Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6911-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6911-2
Description  Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6911-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC6911-2 Datasheet HTML 1Page - Linear Technology LTC6911-2 Datasheet HTML 2Page - Linear Technology LTC6911-2 Datasheet HTML 3Page - Linear Technology LTC6911-2 Datasheet HTML 4Page - Linear Technology LTC6911-2 Datasheet HTML 5Page - Linear Technology LTC6911-2 Datasheet HTML 6Page - Linear Technology LTC6911-2 Datasheet HTML 7Page - Linear Technology LTC6911-2 Datasheet HTML 8Page - Linear Technology LTC6911-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC6911-1/LTC6911-2
2
sn691112 691112fs
Total Supply Voltage (V+ to V–) .............................. 11V
Input Current .....................................................
±10mA
Operating Temperature Range (Note 2)
LTC6911C-1/LTC6911C-2 .................. – 40
°C to 85°C
LTC6911I-1/LTC6911I-2 .................... – 40
°C to 85°C
LTC6911H-1/LTC6911H-2 ................ – 40
°C to 125°C
Specified Temperature Range (Note 3)
LTC6911C-1/LTC6911C-2 .................. – 40
°C to 85°C
LTC6911I-1/LTC6911I-2 .................... – 40
°C to 85°C
LTC6911H-1/LTC6911H-2 ................ – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART NUMBER
TJMAX = 150°C, θJA = 230°C/W
LTC6911CMS-1
LTC6911IMS-1
LTC6911HMS-1
LTC6911CMS-2
LTC6911IMS-2
LTC6911HMS-2
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Table 1 (LTC6911-1)
NOMINAL
NOMINAL
INPUT
DIGITAL INPUTS
VOLTAGE GAIN
Dual 5V
Single 5V
Single 3V
IMPEDANCE
G2
G1
G0
Volts/Volt
(dB)
Supply
Supply
Supply
(k
Ω)
0
0
0
0
–120
10
5
3
(Open)
0
0
1
–1
0
10
5
3
10
0
1
0
–2
6
5
2.5
1.5
5
0
1
1
–5
14
2
1
0.6
2
1
0
0
–10
20
1
0.5
0.3
1
1
0
1
–20
26
0.5
0.25
0.15
1
1
1
0
–50
34
0.2
0.1
0.06
1
1
1
1
–100
40
0.1
0.05
0.03
1
GAI SETTI GS A D PROPERTIES
1
2
3
4
5
INA
AGND
INB
G0
G1
10
9
8
7
6
OUTA
V–
OUTB
V+
G2
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
Consult LTC Marketing for parts specified with wider operating temperature ranges.
MAXIMUM LINEAR INPUT RANGE (VP-P)
MS PART MARKING
LTAHK
LTAHM
LTBCF
LTAHH
LTAHJ
LTBCG
Table 2 (LTC6911-2)
NOMINAL
NOMINAL
INPUT
DIGITAL INPUTS
VOLTAGE GAIN
Dual 5V
Single 5V
Single 3V
IMPEDANCE
G2
G1
G0
Volts/Volt
(dB)
Supply
Supply
Supply
(k
Ω)
0
0
0
0
–120
10
5
3
(Open)
0
0
1
–1
0
10
5
3
10
0
1
0
–2
6
5
2.5
1.5
5
0
1
1
–4
12
2.5
1.25
0.75
2.5
1
0
0
–8
18.1
1.25
0.625
0.375
1.25
1
0
1
–16
24.1
0.625
0.3125
0.188
1.25
1
1
0
–32
30.1
0.3125
0.156
0.094
1.25
1
1
1
–64
36.1
0.156
0.078
0.047
1.25
MAXIMUM LINEAR INPUT RANGE (VP-P)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com