Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH440.CU Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLRH440.CU
Description  With current limiting resistor for 12 V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLRH440.CU Datasheet(HTML) 2 Page - Vishay Siliconix

  TLRH440.CU Datasheet HTML 1Page - Vishay Siliconix TLRH440.CU Datasheet HTML 2Page - Vishay Siliconix TLRH440.CU Datasheet HTML 3Page - Vishay Siliconix TLRH440.CU Datasheet HTML 4Page - Vishay Siliconix TLRH440.CU Datasheet HTML 5Page - Vishay Siliconix TLRH440.CU Datasheet HTML 6Page - Vishay Siliconix TLRH440.CU Datasheet HTML 7Page - Vishay Siliconix TLRH440.CU Datasheet HTML 8Page - Vishay Siliconix TLRH440.CU Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLRH440.CU, TLRO440.CU, TLRY440.CU, TLRG440.CU, TLRP440.CU
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 24-Apr-13
2
Document Number: 83044
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) In one packing unit IVmin./IVmax.  0.5.
Note
(1) In one packing unit IVmin./IVmax.  0.5.
Note
(1) In one packing unit IVmin./IVmax.  0.5.
Note
(1) In one packing unit IVmin./IVmax.  0.5.
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLRH4400CU, RED
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
VS = 12 V
IV
1.6
10
-
mcd
Dominant wavelength
VS = 12 V
d
612
-
625
nm
Peak wavelength
VS = 12 V
p
-
635
-
nm
Angle of half intensity
VS = 12 V
-± 30
-
deg
Forward current
VS = 12 V
IF
-10
12
mA
Breakdown voltage
IR = 10 μA
VBR
620
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50
-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLRO4400CU, SOFT ORANGE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
VS = 12 V
IV
410
-
mcd
Dominant wavelength
VS = 12 V
d
598
-
611
nm
Peak wavelength
VS = 12 V
p
-
605
-
nm
Angle of half intensity
VS = 12 V
-± 30
-
deg
Forward current
VS = 12 V
IF
-10
12
mA
Breakdown voltage
IR = 10 μA
VBR
620
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50
-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLRY4400CU, YELLOW
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
VS = 12 V
IV
1.6
10
-
mcd
Dominant wavelength
VS = 12 V
d
581
-
594
nm
Peak wavelength
VS = 12 V
p
-
585
-
nm
Angle of half intensity
VS = 12 V
-± 30
--
deg
Forward current
VS = 12 V
IF
-10
12
mA
Breakdown voltage
IR = 10 μA
VBR
620
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50
-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLRG4400CU, GREEN
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
VS = 12 V
IV
1.6
10
-
mcd
Dominant wavelength
VS = 12 V
d
562
-
575
nm
Peak wavelength
VS = 12 V
p
-
565
-
nm
Angle of half intensity
VS = 12 V
-± 30
-
deg
Forward current
VS = 12 V
IF
-10
12
mA
Breakdown voltage
IR = 10 μA
VBR
620
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50
-
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com