Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSD28GU Datasheet(PDF) 2 Page - StarHope

Part # TLSD28GU
Description  Electro-Static Discharge TLSD2.8GU Low Voltage TVS Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TLSD28GU Datasheet(HTML) 2 Page - StarHope

  TLSD28GU Datasheet HTML 1Page - StarHope TLSD28GU Datasheet HTML 2Page - StarHope TLSD28GU Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPSEMI
REV 2016 08 16
..
.
www.spsemi.cn
Page 2 of 3
Parameter
Symbol
Value
Units
Peak Pulse Power(tp=8/20μs)
Lead Soldering Temperature
Operating Temperature Range
Storage Temperature Range
PPP
TL
TJ
TSTG
400
260(10 sec.)
-55~150
-55~150
Watts
℃
℃
℃
Maximum Ratings(T =25
unless otherwise specified )
A
℃
Electrical Characteristics(T =25
unless otherwise specified )
A
℃
Parameter
Symbol
Conditions
Units
Min.
Typ.
Max.
TLSD2.8GU(Marking:328)
Reverse Stand-off Voltage
Breakdown Voltage
Reverse Leakage Current
Junction Capacitance
Clamping Voltage
IR
CI/O
VRWM
VBR
VC
2.8
5.5
8.5
1
I=1mA
T
I
=1A,tp=8/20μs
PP
I
=5A,tp=8/20μs
PP
@VRWM
3.0
V
V
V
V
μA
F
p
0Vdc,f=1MHz
Between I/O Pins and GND
3
ESD/TLSD2.8GU
Ratings and Characteristic Curves
Fig.1 Pulse Waveform
5
010
30
15
0
10
Time(
)
μs
20
25
20
30
40
50
60
70
80
90
100
110
t=I
/2
d
PP
Waveform
Parameters:
tr=8μs
t =20μs
d
e
-1
Fig.2 Power Derating Curve
25
0
50
0
10
T ,Ambient Temperature(
)
A
℃
75
100
20
30
40
50
60
70
80
90
100
125
150
175
110



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com