Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2004G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC2004G
Description  SC2004G (20 CHARACTERS x 4 LINES)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC2004G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC2004G Datasheet HTML 1Page - List of Unclassifed Manufacturers SC2004G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SC2004G ( 20 CHARACTERS x 4 LINES )
■
■
■
■
FEATURES
■
■
■
■
ELECTRICAL CHARACTERISTICS
◆
5 x 7 DOTS WITH CURSOR
ITEM
SYMBOL CONDITION MIN. TYP. MAX. UNIT
◆
BUILT-IN CONTROLLER (KS0066 OR EQUIVALENT)
LCD Operating
T=0℃
-
4.8
-
V
◆
5 V POWER SUPPLY
Voltage
VDD-VO
T=25℃
-
4.5
-
V
◆
1/16 DUTY CYCLE
T=50℃
-
4.2
-
V
◆
4.2 V LED FORWARD VOLTAGE
Supply Voltage
VDD-VSS
-
4.7
5
5.3
V
Supply Current
IDD
-
-
3.2
6
mA
Input
"HIGH" Level
VIH
-
2.2
-
VDD
V
Voltage
"LOW" Level
VIL
-
0
-
0.6
V
■
■
■
■
MECHANICAL DATA
Output
"HIGH" Level
VOH
-
2.4
-
-
V
ITEM
DIMENSIONS
UNIT
Voltage
"LOW" Level
VOL
-
-
-
0.4
V
Module Size (W x H x T)
98.0 x 60.0 x 8.8 ( 12.7 LED )
mm
Viewing Area ( W x H )
77.0 x 26.3
mm
■ BLOCK DIAGRAM
Character Size ( W x H )
2.95 x 4.75
mm
Character Pitch (W x H)
3.55 x 5.35
mm
Dot Size ( W x H )
0.55 x 0.55
mm
Dot Pitch ( W x H )
0.60 x 0.60
mm
■
■
■
■
INTERFACE PIN CONNECTIONS
NO. SYMBOL
NO. SYMBOL
FUNCTION
1VSS
Supply Ground
9
DB2
Data Bit 2
2VDD
Supply Voltage
10
DB3
Data Bit 3
3VO
Contrast Adj.
11
DB4
Data Bit 4
4
RS
Register Select
12
DB5
Data Bit 5
5
R/W
Read/Write
13
DB6
Data Bit 6
6
E
Enable Signal
14
DB7
Data Bit 7
7
DB0
Data Bit 0
15
A
LED Power
8
DB1
Data Bit 1
16
K
LED Power
■
■
■
■
EXTERNAL DIMENSIONS
FUNCTION


Similar Part No. - SC2004G

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC2004 FAIRVIEW-SC2004 Datasheet
36Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM SHEET Ø.281"
REV A
logo
List of Unclassifed Man...
SC2004A ETC-SC2004A Datasheet
105Kb / 1P
20 CHARACTERS x 4 LINES
SC2004C ETC-SC2004C Datasheet
72Kb / 1P
SC2004C 20 CHARACTERS x 4 LINES
More results

Similar Description - SC2004G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DV20400 ETC-DV20400 Datasheet
959Kb / 1P
20 characters x 4 lines
SC2002F ETC-SC2002F Datasheet
63Kb / 1P
20 CHARACTERS x 2 LINES
SC2004A ETC-SC2004A Datasheet
105Kb / 1P
20 CHARACTERS x 4 LINES
SC1604C ETC-SC1604C Datasheet
92Kb / 1P
16 CHARACTERS x 4 LINES
SC2004C ETC-SC2004C Datasheet
72Kb / 1P
SC2004C 20 CHARACTERS x 4 LINES
LC2021 ETC1-LC2021 Datasheet
32Kb / 1P
20 characters x 2 lines
LC1641 ETC1-LC1641 Datasheet
38Kb / 1P
16 characters x 4 lines
SC4004B ETC1-SC4004B Datasheet
72Kb / 1P
40 CHARACTERS x 4 LINES
DV-20410 ETC1-DV-20410 Datasheet
598Kb / 1P
20 characters x 4 lines
MDLS-40466 ETC2-MDLS-40466 Datasheet
80Kb / 1P
40 CHARACTERS X 4 LINES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com