Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF100CIWM Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF100CIWM
Description  High Performance Dual Switched Capacitor Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF100CIWM Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LMF100CIWM Datasheet HTML 17Page - National Semiconductor (TI) LMF100CIWM Datasheet HTML 18Page - National Semiconductor (TI) LMF100CIWM Datasheet HTML 19Page - National Semiconductor (TI) LMF100CIWM Datasheet HTML 20Page - National Semiconductor (TI) LMF100CIWM Datasheet HTML 21Page - National Semiconductor (TI) LMF100CIWM Datasheet HTML 22Page - National Semiconductor (TI) LMF100CIWM Datasheet HTML 23Page - National Semiconductor (TI) LMF100CIWM Datasheet HTML 24Page - National Semiconductor (TI) LMF100CIWM Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
3.0 Applications Information
(Continued)
3.1 DESIGN EXAMPLE
In order to design a filter using the LMF100, we must define
the necessary values of three parameters for each
second-order section: f
0, the filter section’s center frequency;
H
0, the passband gain; and the filter’s Q. These are deter-
mined by the characteristics required of the filter being de-
signed.
As an example, let’s assume that a system requires a
fourth-order Chebyshev low-pass filter with 1 dB ripple, unity
gain at dc, and 1000 Hz cutoff frequency. As the system or-
der is four, it is realizable using both second-order sections
of an LMF100. Many filter design texts (and National’s
Switched Capacitor Filter Handbook) include tables that list
the characteristics (f
0 and Q) of each of the second-order fil-
ter sections needed to synthesize a given higher-order filter.
For the Chebyshev filter defined above, such a table yields
the following characteristics:
f
0A = 529 Hz
Q
A = 0.785
f
0B = 993 Hz
Q
B = 3.559
For unity gain at dc, we also specify:
H
0A = 1
H
0B = 1
The desired clock-to-cutoff-frequency ratio for the overall fil-
ter of this example is 100 and a 100 kHz clock signal is avail-
able. Note that the required center frequencies for the two
second-order
sections
will
not
be
obtainable
with
clock-to-center-frequency ratios of 50 or 100. It will be nec-
essary to adjust
externally. From
Table 1, we see that Mode 3 can be used to
produce a low-pass filter with resistor-adjustable center fre-
quency.
In most filter designs involving multiple second-order stages,
it is best to place the stages with lower Q values ahead of
stages with higher Q, especially when the higher Q is greater
than 0.707. This is due to the higher relative gain at the cen-
ter frequency of a higher-Q stage. Placing a stage with lower
Q ahead of a higher-Q stage will provide some attenuation at
the center frequency and thus help avoid clipping of signals
near this frequency. For this example, stage A has the lower
Q (0.785) so it will be placed ahead of the other stage.
For the first section, we begin the design by choosing a con-
venient value for the input resistance: R
1A = 20k. The abso-
lute value of the passband gain H
OLPA is made equal to 1 by
choosing R
4A such that: R4A = −HOLPAR1A = R1A = 20k. If
the 50/100/CL pin is connected to mid-supply for nominal
100:1 clock-to-center-frequency ratio, we find R
2A by:
The resistors for the second section are found in a similar
fashion:
The complete circuit is shown in
Figure 19 for split ±5V
power supplies. Supply bypass capacitors are highly
recommended.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com