Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTCSL20 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTCSL20
Description  PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCSL20 Datasheet(HTML) 2 Page - Vishay Siliconix

  PTCSL20 Datasheet HTML 1Page - Vishay Siliconix PTCSL20 Datasheet HTML 2Page - Vishay Siliconix PTCSL20 Datasheet HTML 3Page - Vishay Siliconix PTCSL20 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PTCSL20 Series
www.vishay.com
Vishay BCcomponents
Revision: 04-Dec-15
2
Document Number: 29012
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC for Tn 100 °C to 120 °C
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC for Tn 70 °C to 90 °C
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC for Tn 130 °C
TYPICAL RESISTANCE/TEMPERATURE
CHARACTERISTIC for Tn 140 °C and 150 °C
10
102
103
104
0
50
100
150
200
250
106
105
Tn = 120 °C
1.5 V (DC) max.
Tn = 110 °C
Tn = 100 °C
Temperature (°C)
10
102
103
104
0
50
100
150
200
250
106
105
Tn = 90
°C
1.5 V (DC) max.
Tn = 70
°C
Tn = 80
°C
Temperature (°C)
10
102
103
104
0
50
100
150
200
250
106
105
1.5 V (DC) max.
Tn = 130 °C
Temperature (°C)
10
102
103
104
0
50
100
150
200
250
106
105
Tn = 140 °C
1.5 V (DC) max.
Tn = 150 °C
Temperature (°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com