Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

StandardPackage Datasheet(PDF) 2 Page - Alpha Wire

Part # StandardPackage
Description  M12 Male 90 Degree to RJ45 Male
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

StandardPackage Datasheet(HTML) 2 Page - Alpha Wire

  StandardPackage Datasheet HTML 1Page - Alpha Wire StandardPackage Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
2
Customer Specification
PART NO: DW04QR117
M12 Male 90 Degree to RJ45 Male
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure their accuracy at the time of this publication, information and
specifications described herein are subject to error or omission and to change without notice, and the listing of such information and
specifications does not ensure product availability. Alpha provides the information and specification herein on an “AS IS” basis, with no
representations or warranties, whether express, statutory or implied. In no event will Alpha be liable any damages (including consequential,
indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Alpha has been advised of the possibility of such damages,
whether in an action under contact, negligence or any other theory, arising out of or in connection with the use, or inability to use, the
information or specification described herein.
UL
CMR
75°C
CSA International
CMG
75°C
Applicable Specifications-
Cord Set
Ingress Protection
IP68 / IP20
Environmental Compliance
CE
All materials used in the manufacture of
this part meet the requirements of
European Directive 2011/65/EU regarding
the restriction of use of certain hazardous
substances in electrical and electronic
equipment. Exemption used; 6a.
REACH Regulation (EC
1907/2006)
This product does not contain Substances
of Very High Concern (SVHC) listed on the
European Union’s REACH candidate list in
excess of 0.1% mass of the item.
Physical & Electrical
Properties
Temperature Range, Cord
-40 to 75°C(operating), -25 to 75°C
(installation)
Temperature Range, Cord
Set
-20 to 60°C
Bend Radius
10X Cable Diameter (2 million cycles), 20X
Cable Diameter (10 million cycles)
Voltage Rating
30Vac / 42Vdc
Current Rating
1.6 Amps
Ordering Information
DW04QR117 TL355
0.6 Meters
DW04QR117 TL356
1.0 Meters
DW04QR117 TL357
3.0 Meters
DW04QR117 TL358
5.0 Meters
DW04QR117 TL359
10.0 Meters
DW04QR117 TL400
15.0 Meters
DW04QR117 TL401
20.0 Meters
Standard Package
Each



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com