Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4040 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VCNL4040
Description  Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4040 Datasheet(HTML) 3 Page - Vishay Siliconix

  VCNL4040 Datasheet HTML 1Page - Vishay Siliconix VCNL4040 Datasheet HTML 2Page - Vishay Siliconix VCNL4040 Datasheet HTML 3Page - Vishay Siliconix VCNL4040 Datasheet HTML 4Page - Vishay Siliconix VCNL4040 Datasheet HTML 5Page - Vishay Siliconix VCNL4040 Datasheet HTML 6Page - Vishay Siliconix VCNL4040 Datasheet HTML 7Page - Vishay Siliconix VCNL4040 Datasheet HTML 8Page - Vishay Siliconix VCNL4040 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
VCNL4040
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 02-Mar-15
3
Document Number: 84274
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BLOCK DIAGRAM
Notes
(1) Test condition: VDD = 3.3 V, temperature: 25 °C
(2) Maximum detection range to ambient light can be determined by ALS refresh time adjustment. Refer to table “ALS Resolution and Maximum
Detection Range”
(3) Based on IRED on / off duty ratio = 1/40, 1/80, 1/160, and 1/320
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VDD
2.5
3.6
V
Supply current
Excluded LED driving
IDD
300
μA
Light condition = dark, VDD = 3.3 V
IDD (SD)
0.2
μA
I2C supply voltage
VPULL UP
1.8
3.6
V
ALS shut down
ALS disable, PS enable
IALSSD
200
μA
PS shut down
ALS enable, PS disable
IPSSD
260
μA
I2C signal input
Logic high
VDD = 3.3 V
VIH
1.55
V
Logic low
VIL
0.4
Logic high
VDD = 2.6 V
VIH
1.4
V
Logic low
VIL
0.4
Peak sensitivity wavelength of
ALS
λp
550
nm
Peak sensitivity wavelength of PS
λpps
940
nm
Full ALS counts
16-bit resolution
65 535
steps
Full PS counts
12-bit / 16-bit resolution
4096 / 65 535
steps
ALS sensing tolerance
White LED light source
± 10
%
Detectable
intensity
Minimum
IT = 640 ms, 1 step (1)(2)
0.0125
lx
Maximum
IT = 80 ms, 65 535 step (1)(2)
6553
ALS dark offset
IT = 80 ms, normal sensitivity (1)
03
steps
PS detection range
Kodak white card
0
200
mm
Operating temperature range
Tamb
-40
+85
°C
Cathode (sensor) voltage
2.5
3.6
V
IRED driving current
(3)
200
mA
GND
Low Pass Filter
Temperature
Sensor
I2C Bus Logic
Control
ALS
16 bits
Data
Buffer
ALS
PD
PS
PD
DSP
PD Timing
Controller
Oscillator
LED Driver
PD
Buffer
LED_CATHODE
V
DD
SCLK
SDAT
INT
Anode
IR LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com