Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMP31 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMP31
Description  Standard SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMP31 Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMP31 Datasheet HTML 1Page - Vishay Siliconix VLMP31 Datasheet HTML 2Page - Vishay Siliconix VLMP31 Datasheet HTML 3Page - Vishay Siliconix VLMP31 Datasheet HTML 4Page - Vishay Siliconix VLMP31 Datasheet HTML 5Page - Vishay Siliconix VLMP31 Datasheet HTML 6Page - Vishay Siliconix VLMP31 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VLMP31..
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 03-Aug-15
1
Document Number: 81328
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard SMD LED PLCC-2
DESCRIPTION
These devices have been designed to meet the increasing
demand for surface mounting technology.
The package of the VLMP31.. is the PLCC-2.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled up
with clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: standard
• Angle of half intensity: ± 60°
FEATURES
• SMD LEDs with exceptional brightness
• Luminous intensity categorized
• Compatible
with
automatic
placement
equipment
• EIA and ICE standard package
• Compatible with IR reflow, vapor phase and
wave
solder
processes
according
to
CECC 00802 and J-STD-020
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light pipes and
backlighting
• Low power consumption
• Luminous
intensity
ratio
in
one
packaging
unit
IVmax./IVmin.
≤ 1.6
• Preconditioning according to JEDEC® level 2a
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive: backlighting in dashboards and switches
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
• General use
948553
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN. TYP. MAX.
MIN. TYP. MAX.
MIN. TYP. MAX.
VLMP31G2J1-GS08
Pure green
2.24
3.6
5.6
10
555
560
565
10
-
2.1
2.8
20
GaP on GaP
VLMP31G2J1-GS18
Pure green
2.24
3.6
5.6
10
555
560
565
10
-
2.1
2.8
20
GaP on GaP
VLMP31G2J2-GS08
Pure green
2.24
3.6
7.1
10
555
560
565
10
-
2.1
2.8
20
GaP on GaP
VLMP31G2J2-GS18
Pure green
2.24
3.6
7.1
10
555
560
565
10
-
2.1
2.8
20
GaP on GaP
VLMP31H2J2-GS08
Pure green
3.55
4.3
7.1
10
555
560
565
10
-
2.1
2.8
20
GaP on GaP
VLMP31H2J2-GS18
Pure green
3.55
4.3
7.1
10
555
560
565
10
-
2.1
2.8
20
GaP on GaP


Similar Part No. - VLMP31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMP31 VISHAY-VLMP31 Datasheet
229Kb / 7P
Standard SMD LED PLCC-2
24-May-2019
VLMP31 VISHAY-VLMP31 Datasheet
232Kb / 8P
Standard SMD LED PLCC-2
22-Apr-2022
VLMP31.. VISHAY-VLMP31.. Datasheet
232Kb / 8P
Standard SMD LED PLCC-2
22-Apr-2022
VLMP310 VISHAY-VLMP310 Datasheet
211Kb / 13P
Standard SMD LED PLCC-2
04-Nov-15
VLMP310 VISHAY-VLMP310 Datasheet
221Kb / 13P
Standard SMD LED PLCC-2
08-Jul-2019
More results

Similar Description - VLMP31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
Standard SMD LED PLCC-2
23-Oct-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
Standard SMD LED PLCC-2
06-Sep-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
Standard SMD LED PLCC-2
31-Aug-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
Standard SMD LED PLCC-2
16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
Standard SMD LED PLCC-2
28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
Standard SMD LED PLCC-2
30-Aug-07
VLMW41R2S2-5K8L-08 VISHAY-VLMW41R2S2-5K8L-08 Datasheet
178Kb / 9P
Standard SMD LED PLCC-2
23-Oct-07
VLMY31 VISHAY-VLMY31 Datasheet
940Kb / 7P
Standard SMD LED PLCC-2
26-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMB31J2L2-GS08 TO-GRACE-VLMB31J2L2-GS08 Datasheet
641Kb / 7P
Standard SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com