Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPSCPMM02 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # GPSCPMM02
Description  GLASS MOUNT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSCPMM02 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  GPSCPMM02 Datasheet HTML 1Page - Pulse A Technitrol Company GPSCPMM02 Datasheet HTML 2Page - Pulse A Technitrol Company GPSCPMM02 Datasheet HTML 3Page - Pulse A Technitrol Company GPSCPMM02 Datasheet HTML 4Page - Pulse A Technitrol Company GPSCPMM02 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
28
www.pulseelectronics.com/products/antennas
NOTE: Antennas are not to scale
GPS
gPs single band direCT MOUnTs
GPS single band direct mount antennas have the following specifications:
Frequency:
1575.4
Polarization: Right-Hand Circular
Gain:
5 dBic
Coax:
17’ RG-174
LNA Gain:
28 dB ± 2 dB
Voltage:
5 V DC
Pattern:
Hemispherical
Color:
Black
Mounting:
Direct Feed 5/8” hole
Size:
.07” H x 2.5” Dia
Model
Connector
GPSDM02
MCX
GPSDM04
MMCX
GPSDM06
SMB
GPSDM08
SMA
gPs COMbi WHiP direCT MOUnTs
GPS combi whip direct mount antennas have the following specifications:
LNA Gain:
26 dB ± 2 dB
Pattern:
Hemispherical / Omni
Polarization:
Right-Hand Circular /Vertical
Coax:
16.4’ RG-174 / 16.4’ RG-174
Mounting:
Direct Feed 5/8” hole
Voltage: 5 V DC
Color:
Black
Base Size: 2” W x 2.3” L x 0.7” H
frequency
gain
Whip
Model
(MHz)
(dbi/dbic)
length (in)
Connector
GPSCW1502
136-174 / 1575.42
2.14/5
22
SMA/SMB
GPSCW4501
406-512 / 1575.42
2.14/5
6.25
SMA/SMA
GPSCW4502
406-512 / 1575.42
2.14/5
6.25
SMA/SMB
GPSCW3E8001
806-896 / 1575.42
5/5
11.5
SMA/SMA
GPSCW3E8003
806-896 / 1575.42
5/5
11.5
FME/SMA
GPSCW
GPSCW3E
GPSDM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com