Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMF90CCN Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF90CCN
Description  4th-Order Elliptic Notch Filter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF90CCN Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMF90CCN Datasheet HTML 1Page - National Semiconductor (TI) LMF90CCN Datasheet HTML 2Page - National Semiconductor (TI) LMF90CCN Datasheet HTML 3Page - National Semiconductor (TI) LMF90CCN Datasheet HTML 4Page - National Semiconductor (TI) LMF90CCN Datasheet HTML 5Page - National Semiconductor (TI) LMF90CCN Datasheet HTML 6Page - National Semiconductor (TI) LMF90CCN Datasheet HTML 7Page - National Semiconductor (TI) LMF90CCN Datasheet HTML 8Page - National Semiconductor (TI) LMF90CCN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TLH10354
December 1994
LMF90
4th-Order Elliptic Notch Filter
General Description
The LMF90 is a fourth-order elliptic notch (band-reject) filter
based on switched-capacitor techniques No external com-
ponents are needed to define the response function The
depth of the notch is set using a two-level logic input and
the width is programmed using a three-level logic input Two
different notch depths and three different ratios of notch
width to center frequency may be programmed by connect-
ing these pins to V
a
ground or V
b
Another three-level
logic pin sets the ratio of clock frequency to notch frequen-
cy
An internal crystal oscillator is provided Used in conjunction
with a low-cost color TV crystal and the internal clock fre-
quency divider a notch filter can be built with center fre-
quency at 50 Hz 60 Hz 100 Hz 120 Hz 150 Hz or 180 Hz
for rejection of power line interference Several LMF90s can
be operated from a single crystal An additional input is pro-
vided for an externally-generated clock signal
Features
Y
Center frequency set by external clock or on-board
clock oscillator
Y
No external components needed to set response char-
acteristics
Y
Notch width attenuation and clock-to-center-frequency
ratio independently programmable
Y
14 pin 03
wide package
Key Specifications
Y
f0 Range
01 Hz to 30 kHz
Y
f0 accuracy over full temperature range (max)
15%
Y
Supply voltage range
g
2V to g75V or 4V to 15V
Y
Passband Ripple (typ)
025 dB
Y
Attenuation at f0 (typ)
39 dB or 48 dB (selectable)
Y
fCLK f0
1001 501 or 3331
Y
Notch Bandwidth (typ)
0127 f0 026 f0 or 055 f0
Y
Output offset voltage (max)
120 mV
Applications
Y
Automatic test equipment
Y
Communications
Y
Power line interference rejection
Typical Connection
60 Hz Notch Filter
TLH10354 – 1
Connection
Diagram
Dual-In-Line and Small
Outline Packages
TLH10354 – 2
Top View
Order Number LMF90CCN
LMF90CIWM
LMF90CCWM LMF90CIJ
LMF90CCJ LMF90CIN
LMF90CMJ or
LMF90CMJ883
See NS Package Number
J14A M14B or N14A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LMF90CCN

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMF LEIDITECH-LMF Datasheet
1Mb / 9P
Sealed Power Inductors
logo
National Semiconductor ...
LMF100 NSC-LMF100 Datasheet
868Kb / 28P
High Performance Dual Switched Capacitor Filter
logo
Texas Instruments
LMF100 TI1-LMF100 Datasheet
2Mb / 42P
Dual High-Performance Switched Capacitor Filters
logo
National Semiconductor ...
LMF100CCN NSC-LMF100CCN Datasheet
868Kb / 28P
High Performance Dual Switched Capacitor Filter
LMF100CIWM NSC-LMF100CIWM Datasheet
868Kb / 28P
High Performance Dual Switched Capacitor Filter
More results

Similar Description - LMF90CCN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1563-2 LINER-LTC1563-2 Datasheet
146Kb / 12P
Active RC, 4th Order Lowpass Filter Family
logo
National Semiconductor ...
MF8 NSC-MF8 Datasheet
383Kb / 24P
4th-Order Switched Capacitor Bandpass Filter
logo
Linear Technology
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1563-2 LINER-LTC1563-2_1 Datasheet
311Kb / 20P
Active RC, 4th Order Lowpass Filter Family
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1563-2 LINER-LTC1563-2_15 Datasheet
317Kb / 20P
Active RC, 4th Order Lowpass Filter Family
LTC1563-3 LINER-LTC1563-3_15 Datasheet
317Kb / 20P
Active RC, 4th Order Lowpass Filter Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com