Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40F Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TMP93CS40F
Description  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40F Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TMP93CS40F Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS40F Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS40F Datasheet HTML 9Page - Toshiba Semiconductor TMP93CS40F Datasheet HTML 10Page - Toshiba Semiconductor TMP93CS40F Datasheet HTML 11Page - Toshiba Semiconductor TMP93CS40F Datasheet HTML 12Page - Toshiba Semiconductor TMP93CS40F Datasheet HTML 13Page - Toshiba Semiconductor TMP93CS40F Datasheet HTML 14Page - Toshiba Semiconductor TMP93CS40F Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-11
2002-02-20
Table 2.3
Storage conditions, permissible usage Period after unpacking and baking
requirements for each soldering method (2/2)
Products
Name
Package no.
Air reflow
Infrared reflow
TMP95CW64F
P-LQFP100-1414-0.50D
A(168h)
A(168h)
TMP95CW65F
P-LQFP100-1414-0.50D
A(168h)
A(168h)
TMP95PW64F
P-LQFP100-1414-0.50D
A(168h)
A(168h)
TMP95FY64F
P-QFP100-1414-0.50E
A(168h)
A(168h)
TMP95CS66F
P-LQFP100-1414-0.50D
A(168h)
A(168h)
TMP95CS54F
P-LQFP100-1414-0.50D
A(168h)
A(168h)
TMP95PS54F
P-LQFP100-1414-0.50D
A(168h)
A(168h)
TMP95CU54AF
P-LQFP100-1414-0.50D
A(168h)
A(168h)
TMP95CW54AF
P-LQFP100-1414-0.50D
A(168h)
A(168h)
TMP95FW54AF
P-LQFP100-1414-0.50E
A(168h)
A(168h)
TMP94C241CF
P-QFP160-2828-0.65A
A(168h)
A(168h)
TMP94C251AF
P-QFP144-2020-0.50
A(168h)
A(168h)
TMP94FU81F
P-LQFP100-1414-0.50C
A(168h)
A(168h)
TMP91CW18AF
P-QFP80-1420-0.80B
A(168h)
A(168h)
TMP91PW18AF
P-QFP80-1420-0.80B
GG
TMP91CW12F
P-LQFP100-1414-0.50C
A(168h)
A(168h)
TMP91PW12F
P-LQFP100-1414-0.50C
B(72h)
B(72h)
TMP91CW12AF
P-LQFP100-1414-0.50D
A(168h)
A(168h)
TMP91FY12AF
P-LQFP100-1414-0.50E
A(168h)
A(168h)
TMP91CY22F
P-LQFP100-1414-0.50D
A(168h)
A(168h)
TMP91FY22F
P-LQFP100-1414-0.50E
A(168h)
A(168h)
TMP91CU10F
P-LQFP100-1414-0.50C
A(168h)
A(168h)
TMP91PW10F
P-LQFP100-1414-0.50D
A(168h)
A(168h)
TMP91CW11F
P-LQFP100-1414-0.50C
A(168h)
A(168h)
TMP91PW11F
P-LQFP100-1414-0.50C
GG
TMP91C219F
P-LQFP100-1414-0.50B
A(168h)
A(168h)
TMP91C219F
P-LQFP100-1414-0.50D
A(168h)
A(168h)
TMP91C829F
P-LQFP100-1414-0.50B
A(168h)
A(168h)
TMP91C829F
P-LQFP100-1414-0.50D
A(168h)
A(168h)
TMP91C815F
P-TQFP128-1414-0.40
A(168h)
A(168h)
TMP91C016F
P-LQFP100-1414-0.50D
A(168h)
A(168h)
TMP91C025F
P-LQFP100-1414-0.50D
A(168h)
A(168h)
TMP91C824F
P-LQFP100-1414-0.50D
A(168h)
A(168h)
Note 1:
As of February, 2002
Note 2:
Symbols A (168h), B (72h), C (48h), D (24h), E (12h),
G and indicate
the maximum permissible period between unpacking and mounting of
the device, and the required storage conditions for the device.
For
details of these conditions, please refer to Table 2.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com