Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41F Datasheet(PDF) 41 Page - Toshiba Semiconductor

Part # TMP93CS41F
Description  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41F Datasheet(HTML) 41 Page - Toshiba Semiconductor

Back Button TMP93CS41F Datasheet HTML 37Page - Toshiba Semiconductor TMP93CS41F Datasheet HTML 38Page - Toshiba Semiconductor TMP93CS41F Datasheet HTML 39Page - Toshiba Semiconductor TMP93CS41F Datasheet HTML 40Page - Toshiba Semiconductor TMP93CS41F Datasheet HTML 41Page - Toshiba Semiconductor TMP93CS41F Datasheet HTML 42Page - Toshiba Semiconductor TMP93CS41F Datasheet HTML 43Page - Toshiba Semiconductor TMP93CS41F Datasheet HTML 44Page - Toshiba Semiconductor TMP93CS41F Datasheet HTML 45Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-41
2002-02-20
(3)
Make sure that no surge voltages from the measuring equipment are
applied to the device.
(4)
The chips housed in tape carrier packages (TCPs) are bare chips and are
therefore exposed. During inspection take care not to crack the chip or
cause any flaws in it.
Electrical contact may also cause a chip to become faulty. Therefore make
sure that nothing comes into electrical contact with the chip.
4.5
Mounting
There are essentially two main types of semiconductor device package: lead
insertion and surface mount. During mounting on printed circuit boards, devices
can become contaminated by flux or damaged by thermal stress from the soldering
process. With surface-mount devices in particular, the most significant problem is
thermal stress from solder reflow, when the entire package is subjected to heat.
This section describes a recommended temperature profile for each mounting
method, as well as general precautions which you should take when mounting
devices on printed circuit boards. Note, however, that even for devices with the
same package type, the appropriate mounting method varies according to the size of
the chip and the size and shape of the lead frame. Therefore, please consult the
relevant technical datasheet or databook.
4.5.1
Lead Forming
x Always wear protective glasses when cutting the leads of a device
with clippers or a similar tool. If you do not, small bits of metal
flying off the cut ends may damage your eyes.
y Do not touch the tips of device leads. Because some types of device
have leads with pointed tips, you may prick your finger.
Semiconductor devices must undergo a process in which the leads are cut and
formed before the devices can be mounted on a printed circuit board. If undue
stress is applied to the interior of a device during this process, mechanical
breakdown or performance degradation can result. This is attributable
primarily to differences between the stress on the device’s external leads and
the stress on the internal leads. If the relative difference is great enough, the
device’s internal leads, adhesive properties or sealant can be damaged.
Observe these precautions during the lead-forming process (this does not
apply to surface-mount devices):
(1)
Lead insertion hole intervals on the printed circuit board should match
the lead pitch of the device precisely.
(2)
If lead insertion hole intervals on the printed circuit board do not
precisely match the lead pitch of the device, do not attempt to forcibly
insert devices by pressing on them or by pulling on their leads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com