Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40DF Datasheet(PDF) 22 Page - Toshiba Semiconductor

Part # TMP93CS40DF
Description  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40DF Datasheet(HTML) 22 Page - Toshiba Semiconductor

Back Button TMP93CS40DF Datasheet HTML 18Page - Toshiba Semiconductor TMP93CS40DF Datasheet HTML 19Page - Toshiba Semiconductor TMP93CS40DF Datasheet HTML 20Page - Toshiba Semiconductor TMP93CS40DF Datasheet HTML 21Page - Toshiba Semiconductor TMP93CS40DF Datasheet HTML 22Page - Toshiba Semiconductor TMP93CS40DF Datasheet HTML 23Page - Toshiba Semiconductor TMP93CS40DF Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS40DF Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS40DF Datasheet HTML 26Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-22
2002-02-20
(7)
68000 Series
Table 2.9
Storage conditions, permissible usage Period after unpacking and baking
requirements for each soldering method
Products
Name
Package no.
Air reflow
Infrared reflow
TMP68301AF-xx
P-QFP100-2222-0.80A
A(168h)
A(168h)
TMP68301AKF-xx
P-QFP100-2222-0.80A
A(168h)
A(168h)
TMP68303DF-xx
P-QFP100-2222-0.80A
G
A(168h)
TMP68305F-xx
P-QFP100-2222-0.80A
A(168h)
A(168h)
TMP68301AFR-xx
P-QFP100-1420-0.65A
A(168h)
A(168h)
TMP68301AKFR-xx
P-QFP100-1420-0.65A
A(168h)
A(168h)
TMP68HC003F-xx
P-QFP80-1420-0.80B
A(168h)
A(168h)
TMP68204F-xx
P-QFP160-2828-0.65A
G
A(168h)
Note 1:
As of February, 1998
Note 2:
Ensure
that
the
conditions
for
top/bottom
heating
using
the
long/medium infrared reflow method are strictly adhered to, even when
this method is used in combination with the air reflow method.
Note 3:
Symbols A (168h), B (72h), C (48h), D (24h), E(12h),
G and indicate
the maximum permissible period between unpacking and mounting of
the device, and the required storage conditions for the device.
For
details of these conditions, please refer to Table 2.2.
(8)
Z80 Series
Table 2.10
Storage conditions, permissible usage Period after unpacking and baking
requirements for each soldering method
Products
Name
Package no.
Air reflow
Infrared reflow
TMPZ84C011BF
P-QFP100-1420-0.65A
A(168h)
A(168h)
TMPZ84C015BF
P-QFP100-1420-0.65A
A(168h)
A(168h)
TMPZ84C013AT
P-QFJ84-S115-1.27
A(168h)
A(168h)
TMPZ84C112AF
P-QFP64-1420-1.00A
A(168h)
A(168h)
TMPZ84C711AF
P-QFP144-2626-0.65B
A(168h)
A(168h)
TMPZ84C810AF
P-QFP100-1420-0.65A
A(168h)
A(168h)
Note 1:
As of September, 1994
Note 2:
Ensure
that
the
conditions
for
top/bottom
heating
using
the
long/medium infrared reflow method are strictly adhered to, even when
this method is used in combination with the air reflow method.
Note 3:
Symbols A (168h), B (72h), C (48h), D (24h), E(12h),
G and indicate
the maximum permissible period between unpacking and mounting of
the device, and the required storage conditions for the device.
For
details of these conditions, please refer to Table 2.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com