Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS45F Datasheet(PDF) 31 Page - Toshiba Semiconductor

Part # TMP93CS45F
Description  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45F Datasheet(HTML) 31 Page - Toshiba Semiconductor

Back Button TMP93CS45F Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS45F Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS45F Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS45F Datasheet HTML 30Page - Toshiba Semiconductor TMP93CS45F Datasheet HTML 31Page - Toshiba Semiconductor TMP93CS45F Datasheet HTML 32Page - Toshiba Semiconductor TMP93CS45F Datasheet HTML 33Page - Toshiba Semiconductor TMP93CS45F Datasheet HTML 34Page - Toshiba Semiconductor TMP93CS45F Datasheet HTML 35Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-31
2002-02-20
4.1.2
Vibration, Impact and Stress
Handle devices and packaging materials with care.
To avoid damage to devices, do not toss or drop
packages. Ensure that devices are not subjected to
mechanical vibration or shock during
transportation. Ceramic package devices and
devices in canister-type packages which have
empty space inside them are subject to damage
from vibration and shock because the bonding wires are secured only at their
ends.
Plastic molded devices, on the other hand, have a relatively high level of
resistance to vibration and mechanical shock because their bonding wires are
enveloped and fixed in resin. However, when any device or package type is
installed in target equipment, it is to some extent susceptible to wiring
disconnections and other damage from vibration, shock and stressed solder
junctions. Therefore when devices are incorporated into the design of
equipment which will be subject to vibration, the structural design of the
equipment must be thought out carefully.
If a device is subjected to especially strong vibration, mechanical shock or
stress, the package or the chip itself may crack. In products such as CCDs
which incorporate window glass, this could cause surface flaws in the glass or
cause the connection between the glass and the ceramic to separate.
Furthermore, it is known that stress applied to a semiconductor device
through the package changes the resistance characteristics of the chip because
of piezoelectric effects. In analog circuit design attention must be paid to the
problem of package stress as well as to the dangers of vibration and shock as
described above.
Vibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com