Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS20F Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TMP93CS20F
Description  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS20F Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TMP93CS20F Datasheet HTML 5Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 9Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 10Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 11Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 12Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-9
2002-02-20
Table 2.2
Usable period after opening moisture proof bags
SYMBOLUsable period after opening moisture proof bags
A = 168h
Products sealed in moisture proof packing should be stored in temperature below
30°C and relative humidity below 60%, and should be used within 168 hours (1 week),
after opened. If the products are kept beyond 168 hours (1 week) after opened, the
products should be baked for at least 20 hours at 125°C before mounted. After baked,
the products should be stored in temperature below 30°C and relative humidity below
60%, and should be used within 192 hours.
B = 72h
Products sealed in moisture proof packing should be stored in temperature below
30°C and relative humidity below 60%, and should be used within 72 hours (3 days),
after opened. If the products are kept beyond 72 hours (3days) after opened, the
products should be stored in temperature below 30°C and relative humidity below
60%, and should be used within 96 hours (4 days).
C = 48h
Products sealed in moisture proof packing should be stored in temperature below
30°C and relative humidity below 60%, and should be used within 48 hours (2 days),
after opened. If the products are kept beyond 48 hours (2 days) after opened, the
products should be baked for at least 20 hours at 125°C before mounted. After baked,
the products should be stored in temperature below 30°C and relative humidity below
60%, and should be used within 72 hours (3 days).
D = 24h
Products sealed in moisture proof packing should be stored in temperature below
30°C and relative humidity below 60%, and should be used within 24 hours (1 day),
after opened. If the products are kept beyond 24 hours (1 day) after opened, the
products should be baked for at least 20 hours at 125°C before mounted. After baked,
the products should be stored in temperature below 30°C and relative humidity below
60%, and should be used within 48 hours (2 days).
E = 12h
Products sealed in moisture proof packing should be stored in temperature below
30°C and relative humidity below 60%, and should be used within 12 hours, after
opened. If the products are kept beyond 12 hours after opened, the products should
be baked for at least 20 hours at 125°C before mounted. After baked, the products
should be stored in temperature below 30°C and relative humidity below 60%, and
should be used within 36 hours.
G
For the details, contact your Toshiba local offices.
Overall heating method is not recommended for mounting ; use soldering iron method
of localized heating method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com