Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CS2M
Description  Surface Mount Glass Passivated Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS2M Datasheet(HTML) 1 Page - Vishay Siliconix

  CS2M Datasheet HTML 1Page - Vishay Siliconix CS2M Datasheet HTML 2Page - Vishay Siliconix CS2M Datasheet HTML 3Page - Vishay Siliconix CS2M Datasheet HTML 4Page - Vishay Siliconix CS2M Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CS2D, CS2G, CS2J, CS2K, CS2M
www.vishay.com
Vishay General Semiconductor
Revision: 25-Jul-16
1
Document Number: 87636
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Glass Passivated Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated pellet chip junction
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters,
converters,
and
freewheeling
diodes
for
consumer, and telecommunication.
MECHANICAL DATA
Case: DO-214AA (SMB)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
Notes
(1) Free air, mounted on recommended copper pad area
(2) Mounted on 8 mm x 8 mm copper pad areas
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
200 V, 400 V, 600 V, 800 V, 1000 V
IFSM
50 A
IR
5.0 μA
VF at IF = 2.0 A (TA = 125 °C)
0.90 V
TJ max.
150 °C
Package
DO-214AA (SMB)
Diode variations
Single die
DO-214AA (SMB)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
CS2D
CS2G
CS2J
CS2K
CS2M
UNIT
Device marking code
D
G
J
K
M
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Average forward rectified current
IF(AV) (1)
1.6
A
IF(AV) (2)
2.0
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - CS2M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS2M VISHAY-CS2M Datasheet
99Kb / 4P
Surface Mount Glass Passivated Rectifier
01-Mar-2021
More results

Similar Description - CS2M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GF1A VISHAY-GF1A_11 Datasheet
81Kb / 4P
Surface Mount Glass Passivated Rectifier
15-Mar-11
logo
Tiger Electronic Co.,Lt...
S1A TGS-S1A Datasheet
51Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
S2A KISEMICONDUCTOR-S2A Datasheet
5Mb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
Surface Mount Glass Passivated Rectifier
11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
logo
Jinan Jingheng (Group) ...
LL4001G JINANJINGHENG-LL4001G Datasheet
72Kb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S8CG VISHAY-S8CG Datasheet
101Kb / 4P
Surface-Mount Glass Passivated Rectifier
26-Feb-2020
S5A-M3 VISHAY-S5A-M3 Datasheet
91Kb / 4P
Surface Mount Glass Passivated Rectifier
31-Jul-2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com