Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3M Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CS3M
Description  Surface Mount Glass Passivated Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS3M Datasheet(HTML) 3 Page - Vishay Siliconix

  CS3M Datasheet HTML 1Page - Vishay Siliconix CS3M Datasheet HTML 2Page - Vishay Siliconix CS3M Datasheet HTML 3Page - Vishay Siliconix CS3M Datasheet HTML 4Page - Vishay Siliconix CS3M Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CS3D, CS3G, CS3J, CS3K, CS3M
www.vishay.com
Vishay General Semiconductor
Revision: 25-Jul-16
3
Document Number: 87637
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
025
50
75
100
125
150
Mount Temperature (
°C)
Rth
JM = 13 C/W, mounted on
14 mm x 14 mm copper pad areas
Rth
JA = 80 C/W
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
D = tp/T
T
tp
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 25 °C
T
J = 125 °C
T
J = 75 °C
0.01
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 75 °C
1
10
100
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
1
10
100
0.01
0.1
1
10
100
1000
t - Pulse Duration (s)
Junction to Ambient



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com