Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA2M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CSA2M
Description  Surface Mount Glass Passivated Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSA2M Datasheet(HTML) 2 Page - Vishay Siliconix

  CSA2M Datasheet HTML 1Page - Vishay Siliconix CSA2M Datasheet HTML 2Page - Vishay Siliconix CSA2M Datasheet HTML 3Page - Vishay Siliconix CSA2M Datasheet HTML 4Page - Vishay Siliconix CSA2M Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CSA2D, CSA2G, CSA2J, CSA2K, CSA2M
www.vishay.com
Vishay General Semiconductor
Revision: 15-Jan-16
2
Document Number: 87638
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: pulse width
 40 ms
Notes
(1) Free air, mounted on recommended copper pad area; thermal resistance RJA - junction to ambient
(2) Mounted on 14 mm x 14 mm copper pad areas, RJM - junction to mount at the terminal
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward voltage
IF = 1.0 A
TA = 25 °C
VF (1)
0.92
-
V
IF = 2.0 A
0.99
1.15
IF = 1.0 A
TA = 125 °C
0.81
-
IF = 2.0 A
0.90
0.98
Maximum DC reverse current at rated DC
blocking voltage
Rated VR
TA = 25 °C
IR (2)
-5.0
μA
TA = 125 °C
-
350
Typical reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
2.1
-
μs
Typical junction capacitance
4.0 V, 1 MHz
CJ
11
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
CSA2D
CSA2G
CSA2J
CSA2K
CSA2M
UNIT
Typical thermal resistance
RJA(1)
102
°C/W
RJM (2)
14
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
CSA2J-E3/I
0.064
I
7500
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com