Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1206C104F3GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C104F3GACTU
Description  Ceramic, Commercial-(CxxxxC), 0.1 uF, 1%, 25 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C104F3GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C104F3GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 0fa1f25e-747c-43b0-ba6f-afa53959451e
KEMET Part Number: C1206C104F3GACTU
(C1206C104F3GAC7800)
Ceramic, Commercial-(CxxxxC), 0.1 uF, 1%, 25 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Dimensions
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
1.6mm +/-0.20mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 1206
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features: Ultra-Stable, Low Loss, Class I
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Specifications
Capacitance: 0.1 uF
Capacitance Tolerance: 1%
Voltage DC: 25 VDC
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 10 GOhms
Dielectric Strength: 62.5 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206C104F3GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C104F3GACTU KEMET-C1206C104F3GACTU Datasheet
1Mb / 21P
C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C1206C104F3GACTU KEMET-C1206C104F3GACTU Datasheet
1Mb / 19P
C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results

Similar Description - C1206C104F3GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C103J1GACTU KEMET-C1206C103J1GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.01 uF, 5%, 100 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C223J5GACTU KEMET-C1206C223J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.022 uF, 5%, 50 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1210C104J1GACTU KEMET-C1210C104J1GACTU_17 Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.1 uF, 5%, 100 V, 1210, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C103F3GACTU KEMET-C0603C103F3GACTU Datasheet
70Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.01 uF, 1%, 25 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C103J3GACTU KEMET-C1206C103J3GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.01 uF, 5%, 25 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1210C104J5GACTU KEMET-C1210C104J5GACTU_17 Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.1 uF, 5%, 50 V, 1210, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C104J3GACTU KEMET-C1206C104J3GACTU_17 Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.1 uF, 5%, 25 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C333J5GACTU KEMET-C1206C333J5GACTU Datasheet
72Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.033 uF, 5%, 50 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C683J5GACTU KEMET-C1206C683J5GACTU Datasheet
72Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.068 uF, 5%, 50 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C223F3GACTU KEMET-C1206C223F3GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.022 uF, 1%, 25 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com