Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN93T Datasheet(PDF) 1 Page - Energizer

Part # EN93T
Description  Industry Standard Dimensions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer

EN93T Datasheet(HTML) 1 Page - Energizer

  EN93T Datasheet HTML 1Page - Energizer EN93T Datasheet HTML 2Page - Energizer  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C
NOT INTENDED FOR RETAIL TRADE
Classification:
Alkaline
Chemical System:
Zinc-Manganese Dioxide (Zn/MnO2)
Designation:
ANSI-14A, IEC-LR14
Nominal Voltage:
1.5 volts
Nominal IR:
150 to 300 milliohms (fresh)
Operating Temp:
-18°C to 55°C (0°F to 130°F)
Typical Weight:
66.2 grams (2.3 oz.)
Typical Volume:
26.9 cubic centimeters (1.6 cubic inch)
Jacket:
Plastic Label
Shelf Life:
10 years at 21°C
Terminal:
Flat Contact
Typical Characteristics (21°C)
Typical Characteristics (21°C)
Milliamp-Hours Capacity
Continuous discharge to 0.8 volts at 21°C
ENERGIZER EN93
Specifications
mm (inches)
No added mercury or cadmium
Industry Standard Dimensions
Constant Resistance Performance
Constant Current Performance
©Energizer Holdings, Inc. - Contents herein do not constitute a warranty.
Important Notice
This data sheet contains typical information specific to products manufactured at the time of its publication.
PRODUCT DATASHEET
Engineering Data
1-800-383-7323 / USA
1-800-383-7323 / CANADA
1-800-383-7323 USA/CAN
www.energizer.com
1
10
100
1000
1
10
100
Discharge (ohms)
0.8 Volts
1.0 Volts
1.2 Volts
1
10
100
1000
10
100
1000
Discharge (mA)
0.8 Volts
1.0 Volts
1.2 Volts
0
2000
4000
6000
8000
10000
25
100
250
500
Discharge (mA)
26.20 (1.031)
24.90 (0.980)
7.50 (0.295)
Maximum
13.00 (0.512)
Minimum
50.00 (1.969)
48.50 (1.909)
1.50 (0.059)
Minimum
Form No. EBC - 1204N
Page 1 of 2


Similar Part No. - EN93T

ManufacturerPart #DatasheetDescription
logo
Energizer
EN93 ENERGIZER-EN93 Datasheet
147Kb / 2P
C NOT INTENDED FOR RETAIL TRADE
logo
ON Semiconductor
EN930D ONSEMI-EN930D Datasheet
97Kb / 5P
Large-Current Switching Applications
Jan-2011, Rev. 0
More results

Similar Description - EN93T

ManufacturerPart #DatasheetDescription
logo
Energizer
EL123APBP ENERGIZER-EL123APBP Datasheet
253Kb / 1P
Industry Standard Dimensions
393-309TZ ENERGIZER-393-309TZ Datasheet
332Kb / 1P
Industry Standard Dimensions
397-396TZ ENERGIZER-397-396TZ Datasheet
534Kb / 1P
Industry Standard Dimensions
A23BPZ-2 ENERGIZER-A23BPZ-2 Datasheet
87Kb / 1P
Industry Standard Dimensions
AC13-4AP ENERGIZER-AC13-4AP Datasheet
170Kb / 1P
Industry Standard Dimensions
357-303TZ ENERGIZER-357-303TZ Datasheet
73Kb / 1P
Industry Standard Dimensions
357-303VZ ENERGIZER-357-303VZ Datasheet
73Kb / 1P
Industry Standard Dimensions
390-389TZ ENERGIZER-390-389TZ Datasheet
532Kb / 1P
Industry Standard Dimensions
E95 ENERGIZER-E95 Datasheet
176Kb / 1P
Industry Standard Dimensions
NH15-2300 ENERGIZER-NH15-2300 Datasheet
174Kb / 1P
Industry Standard Dimensions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com