Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP95CS54F Datasheet(PDF) 37 Page - Toshiba Semiconductor

Part # TMP95CS54F
Description  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP95CS54F Datasheet(HTML) 37 Page - Toshiba Semiconductor

Back Button TMP95CS54F Datasheet HTML 33Page - Toshiba Semiconductor TMP95CS54F Datasheet HTML 34Page - Toshiba Semiconductor TMP95CS54F Datasheet HTML 35Page - Toshiba Semiconductor TMP95CS54F Datasheet HTML 36Page - Toshiba Semiconductor TMP95CS54F Datasheet HTML 37Page - Toshiba Semiconductor TMP95CS54F Datasheet HTML 38Page - Toshiba Semiconductor TMP95CS54F Datasheet HTML 39Page - Toshiba Semiconductor TMP95CS54F Datasheet HTML 40Page - Toshiba Semiconductor TMP95CS54F Datasheet HTML 41Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-37
2002-02-20
4.3.7
Load Capacitance
Some devices display increased delay times if the load capacitance is large. Also,
large charging and discharging currents will flow in the device, causing noise.
Furthermore, since outputs are shorted for a relatively long time, wiring can
become fused.
Consult the technical information for the device being used to determine the
recommended load capacitance.
4.3.8
Thermal Design
The failure rate of semiconductor devices is greatly increased as operating
temperatures increase. As shown in Figure 4.2, the internal thermal stress on a
device is the sum of the ambient temperature and the temperature rise due to
power dissipation in the device. Therefore, to achieve optimum reliability, observe
the following precautions concerning thermal design:
(1)
Keep the ambient temperature (Ta) as low as possible.
(2)
If the device’s dynamic power dissipation is relatively large, select the
most appropriate circuit board material, and consider the use of heat
sinks or of forced air cooling. Such measures will help lower the thermal
resistance of the package.
(3)
Derate the device’s absolute maximum ratings to minimize thermal stress
from power dissipation.
θja = θjc + θca
θja = (Tj – Ta)/P
θjc = (Tj – Tc)/P
θca = (Tc – Ta)/P
in which
θja = thermal resistance between junction and surrounding air (°C/W)
θjc = thermal resistance between junction and package surface, or
internal thermal resistance (°C/W)
θca = thermal resistance between package surface and
surrounding air, or external thermal resistance (°C/W)
Tj = junction temperature or chip temperature (°C)
Tc = package surface temperature or case temperature (°C)
Ta = ambient temperature (°C)
P
= power dissipation (W)
Tc
θca
Ta
Tj
θjc
Figure 4.2 Thermal Resistance of Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com