Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1252.781NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P1252.781NL
Description  Unshielded Drum Core
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P1252.781NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P1252.781NL Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
25
SPM2007 (11/07)
SMT POWER INDUCTORS
Unshielded Drum Core - P1252NL Series
.295
7,49
MAX
XXX
.596 MAX
15,14
.879 MAX
22,33
NOTE: Dot indicates start of winding
SUGGESTED PAD LAYOUT
.340
8,64
.125
3,17
.565
14,35
1
2
Mechanical
Schematic
Inductance
Part 6,7
@ IPK ADC
Irated 5
DCR (MAX)
Saturation Current
Heating Current
Number
(µH ± 20%)
(A)
(m
Ω)
(A) @ 25°C
(A)
P1252.781NL
0.78
15.0
2.6
30.0
15.0
P1252.152NL
1.5
15.0
4.0
25.0
15.0
P1252.222NL
2.2
12.0
6.1
20.0
12.0
P1252.332NL
3.3
10.0
8.6
17.0
10.0
P1252.392NL
3.9
9.0
10
15.0
9.0
P1252.472NL
4.7
8.4
14
13.0
8.4
P1252.602NL
6.0
7.5
17
12.0
7.5
P1252.782NL
7.8
7.5
18
11.0
7.5
P1252.103NL
10
6.0
26
10.0
6.0
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight . . . . . . . . 4.1 grams
Tape & Reel . . . . . . 300/reel
Height: 7.5mm Max
Footprint: 22.33mm x 15.14mm Max
Current Rating: up to 15A
Inductance Range: 0.78µH to 10µH
1. The temperature of the component (ambient plus temperature
rise) must be within the specified operating temperature range.
2. Inductance tested at 100kHz, 0.1 mVRMS
3. Inductance drop = 10% typical at the saturation current
4.
ΔT = 40°C rise typical at the heating current
5. The rated current is the lower of the saturation or heating current.
6. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to the part number
(i.e. P1252.781NL becomes P1252.781NLT). Pulse complies to industry standard tape and
reel specification EIA481.
7. The "NL" suffix indicates an RoHS-compliant part number. Non-NL suffixed parts are not
necessarily RoHS compliant, but are electrically and mechanically equivalent to NL versions.
If a part number does not have the "NL" suffix, but an RoHS compliant version is required,
please contact Pulse for availability.
NOTES:
USER DIRECTION OF FEED
.945
24,00
1.732 ± .012
44,00 ± 0,30
.615
15,62
TAPE & REEL LAYOUT
.312
7,92
.908
23,06


Similar Part No. - P1252.781NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
SMT POWER INDUCTORS
More results

Similar Description - P1252.781NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0638NL PULSE-PF0638NL Datasheet
80Kb / 2P
Unshielded Drum Core
PA4305.102NLT PULSE-PA4305.102NLT Datasheet
565Kb / 2P
Unshielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
Unshielded Drum Core Inductor
PA4309.102NLT PULSE-PA4309.102NLT Datasheet
635Kb / 3P
Unshielded Drum Core Inductor
PF0580NL PULSE-PF0580NL Datasheet
156Kb / 2P
Unshielded Drum Core - PF0580NL Series
PG0016NL PULSE-PG0016NL Datasheet
458Kb / 2P
Unshielded Drum Core ??PG0016NL Series
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
SMT UNSHIELDED DRUM CORE INDUCTORS
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
Unshielded Drum Core
PB2020.681NL PULSE-PB2020.681NL Datasheet
96Kb / 1P
Unshielded Drum Core
PF0504.681NL PULSE-PF0504.681NL Datasheet
187Kb / 2P
Unshielded Drum Core
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com